Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G4B-112T1-FD-C-US-RP Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G4B-112T1-FD-C-US-RP
Description  General Purpose Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G4B-112T1-FD-C-US-RP Datasheet(HTML) 1 Page - Omron Electronics LLC

  G4B-112T1-FD-C-US-RP Datasheet HTML 1Page - Omron Electronics LLC G4B-112T1-FD-C-US-RP Datasheet HTML 2Page - Omron Electronics LLC G4B-112T1-FD-C-US-RP Datasheet HTML 3Page - Omron Electronics LLC G4B-112T1-FD-C-US-RP Datasheet HTML 4Page - Omron Electronics LLC G4B-112T1-FD-C-US-RP Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type
Standard
High capacity
Load
Resistive (p.f.=1)
Inductive (p.f.=0.40)
Resistive (p.f.=1)
Inductive (p.f.=0.40)
(L/R=7ms)
(L/R=7ms)
Rated load
220 VAC 15A
220 VAC 10A
220 VAC 25A
220 VAC 20A
24 VDC 15A
24 VDC 7A
24 VDC 25A
24 VDC 15A
Contact material
AgCdO
AgInSn
Carry current
20A
25A
Max. operating voltage
250 VAC, 125 VDC
250 VAC, 125 VDC
Max. operating current
20 A
25A
Max. switching capacity
3,300VA, 360W
2,200VA, 170W
5,500VA, 600W
Min. permissible load
100 mA, 5 VDC
s
Miniature relay ideal for switching motor
load, lamp load, heater, etc.
s
Creepage distance of more than 2.03 mm
(0.08 in).
s
Upper mounting bracket type for easy
wiring and mounting
General Purpose Relay
G4B
Ordering Information
Note:
1. Class "B" insulation available. For information consult your OMRON representative.
2. High capacity types are also available with #110 connect coil terminals.
To Order: Select the part number from the available types chart and add the desired coil voltage rating, (e.g., G4B-112T-US-
DC6).
Type
Load contact terminal
Coil terminal
Contact form
Part number
Standard
Quick connect #250
Quick connect #110
SPST-NO
G4B-112T-US
SPDT
G4B-112T-C-US
Quick connect #187
SPST-NO
G4B-112T1-US
SPDT
G4B-112T1-C-US
PC board
SPST-NO
G4B-112TP-US
SPDT
G4B-112TP-C-US
High capacity
PC board
SPST-NO
G4B-112TP-FD-US-RP
SPDT
G4B-112TP-FD-C-US-RP
Quick connect #187
SPST-NO
G4B-112T1-FD-US-RP
SPDT
G4B-112T1-FD-C-US-RP
s CONTACT DATA
Specifications


Similar Part No. - G4B-112T1-FD-C-US-RP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G4B-112T1-FD-US-RPAC24 OMRON-G4B-112T1-FD-US-RPAC24 Datasheet
237Kb / 5P
   General Purpose Relay
More results

Similar Description - G4B-112T1-FD-C-US-RP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com