Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5RL Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G5RL
Description  PCB Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5RL Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G5RL Datasheet HTML 2Page - Omron Electronics LLC G5RL Datasheet HTML 3Page - Omron Electronics LLC G5RL Datasheet HTML 4Page - Omron Electronics LLC G5RL Datasheet HTML 5Page - Omron Electronics LLC G5RL Datasheet HTML 6Page - Omron Electronics LLC G5RL Datasheet HTML 7Page - Omron Electronics LLC G5RL Datasheet HTML 8Page - Omron Electronics LLC G5RL Datasheet HTML 9Page - Omron Electronics LLC G5RL Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PCB Relay
G5RL
219
Approved Standards
UL / cUL Recognized (File No. E41643) - - Ambient Temp. = 40
°C
VDE (EN61810-1, EN60065) (License No. A282)
■ Engineering Data
Distribution of Sound Pressure
Model
Coil rating
Contact rating
G5RL-1A-LN
5 to 24 VAC
12 A, 250 VAC Resistive, 100,000 operations
12 A, 24 VDC Resistive, 100,000 operations
TV-8, 25,000 operations
G5RL-1A-E-LN
16 A, 250 VAC Resistive, 50,000 operations
16 A, 24 VDC Resistive, 50,000 operations
TV-8, 25,000 operations
Model
Coil Rating
Contact rating
G5RL-1A-LN
5, 12, 24 VDC
12 A, 250 VAC cos
φ =1 60,000 operations
12 A, 24 VDC (0 ms) 100,000 operations
230 VAC 70 A (0-P) Steady 1 A (L/R=0 ms) 20,000 operations
250 VAC 100 A (0-P) Steady 3 A (L/R=0 ms) 10,000 operations
250 VAC 40 A (0-P) Steady 5 A (L/R=0 ms) 10,000 operations
G5RL-1A-E-LN
16 A, 250 VAC cos
φ =1 30,000 operations
16 A, 24 VDC (0 ms) 40,000 operations
230 VAC 70 A (0-P) Steady 1 A (L/R=0 ms) 20,000 operations
250 VAC 100 A (0-P) Steady 3 A (L/R=0 ms) 10,000 operations
250 VAC 40 A (0-P) Steady 5 A (L/R=0 ms) 10,000 operations
Sound pressure (dB)
50
40
30
20
10
0
~36 ~38 ~40 ~42 ~44 ~46 ~48 ~50 ~52 ~54 ~56
When Operating
50
40
30
20
10
0
Sound pressure (dB)
~36 ~38 ~40 ~42 ~44 ~46 ~48 ~50 ~52 ~54 ~56
When Releasing
150 mm
Sponge
Relay
Microphone
Measurement Conditions
Sample: G5RL-1A-LN (N = 100)
Range: A weighted sound pressure
level, Fast, Max. hold
Device connected to coil: Diode
Background noise: Approx. 30 dB max.


Similar Part No. - G5RL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5RL-K1-E OMRON-G5RL-K1-E Datasheet
282Kb / 5P
   16 A High Switching Current, General-purpose Latching Relay
G5RL-K1A-E OMRON-G5RL-K1A-E Datasheet
282Kb / 5P
   16 A High Switching Current, General-purpose Latching Relay
G5RL-U OMRON-G5RL-U Datasheet
282Kb / 5P
   16 A High Switching Current, General-purpose Latching Relay
G5RL-U1-E OMRON-G5RL-U1-E Datasheet
282Kb / 5P
   16 A High Switching Current, General-purpose Latching Relay
G5RL-U1A-E OMRON-G5RL-U1A-E Datasheet
282Kb / 5P
   16 A High Switching Current, General-purpose Latching Relay
More results

Similar Description - G5RL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com