Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVS-4910AHR Datasheet(PDF) 5 Page - Unity Opto Technology

Part # UVS-4910AHR
Description  0.4 inch ( 10.16 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-4910AHR Datasheet(HTML) 5 Page - Unity Opto Technology

  UVS-4910AHR Datasheet HTML 1Page - Unity Opto Technology UVS-4910AHR Datasheet HTML 2Page - Unity Opto Technology UVS-4910AHR Datasheet HTML 3Page - Unity Opto Technology UVS-4910AHR Datasheet HTML 4Page - Unity Opto Technology UVS-4910AHR Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0.4 inch ( 10.16 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-40XXA SERIES
TYPICAL ELECTRICAL/OPTICAL CHARACTERISTIC CURVES
( Ambient Temperature =25
oC Unless Otherwise Noted )
11/14/2000
0
20
40
60
80
100
120
140
160
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
0
5
10
15
20
25
30
35
40
0 10 20 30 40 50 60 70 80 90
0
1
2
3
4
0
5
10
15
20
25
30
0
1
2
3
4
0
5
10
15
20
25
30
0
0.5
1
500
550
600
650
700
750
800
FIG.1 RELATIVE LUMINOUS INTENSITY VS.
WAVELENGTH
G
Y
HR,
P
Forward Current I
F (mA)
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
P
H R
E G
Y
HR EG
P
Y
Forward Voltage (V)
FIG.4 FORWARD CURRENT VS.
FORWARD VOLTAGE
HR E G
P
Unity Opto Technology Co., Ltd.
Forward Current I
F (mA)
FIG.2-1 RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
Ambient Temperature (
oC )
FIG.3 ALLOWABLE DC CURRENT
VS. AMBIENT TEMPERATURE


Similar Part No. - UVS-4910AHR

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-4301 UOT-UVS-4301 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-4801 UOT-UVS-4801 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-4X01 UOT-UVS-4X01 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
More results

Similar Description - UVS-4910AHR

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-4X01 UOT-UVS-4X01 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVD-4X2XC UOT-UVD-4X2XC Datasheet
69Kb / 5P
   0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
logo
Micro Electronics
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
   0.4 SINGLE DIGIT NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-4610AE LITEON-LTS-4610AE Datasheet
119Kb / 5P
   0.4 inch (10.16 mm) DIGIT HEIGHT
LTS-4710AP LITEON-LTS-4710AP Datasheet
135Kb / 5P
   0.4 inch (10.16 mm) DIGIT HEIGHT
logo
Unity Opto Technology
UVS-51X UOT-UVS-51X Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-54XA UOT-UVS-54XA Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-340XL UOT-UVS-340XL Datasheet
70Kb / 5P
   0.8 inch ( 20.32 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-36X UOT-UVS-36X Datasheet
50Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-5X01A UOT-UVS-5X01A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com