Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVS-54XA Datasheet(PDF) 3 Page - Unity Opto Technology

Part # UVS-54XA
Description  0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-54XA Datasheet(HTML) 3 Page - Unity Opto Technology

  UVS-54XA Datasheet HTML 1Page - Unity Opto Technology UVS-54XA Datasheet HTML 2Page - Unity Opto Technology UVS-54XA Datasheet HTML 3Page - Unity Opto Technology UVS-54XA Datasheet HTML 4Page - Unity Opto Technology UVS-54XA Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.52 inch ( 13.2 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-54XA SERIES
PIN CONNECTION
1
2
3
4
5
6
7
8
9
10
ELECTRICAL/OPTICAL CHARACTERISTICS
HI.EFF. RED (UVS-546AHR / 547AHR)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
800
2200
µcd
λp/Hue
635/623
nm
∆λ
40
nm
VF
2.0
2.6
V
IR
100
µA
Iv- m
2:1
BRIGHT RED (UVS-546AP / 547AP)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
320
800
µcd
λp/Hue
697/657
nm
∆λ
90
nm
VF
2.1
2.6
V
IR
100
µA
Iv- m
2:1
11/14/2000
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, Per Segment
IF = 20 mA
Reverse Current, Per Segment
VR = 5 V
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
IF = 20 mA
PARAMETER
TEST CONDITION
Average Luminous Intensity
IF = 10 mA
PIN
COMMON ANODE *
CATHODE F
CATHODE G
CONNECTION
CATHODE C
CATHODE D . P .
CATHODE B
CATHODE A
UVS-546A
CATHODE E
CATHODE D
COMMON ANODE *
ANODE A
COMMON CATHODE *
ANODE F
ANODE G
IF = 20 mA
IF = 10 mA
IF = 20 mA
IF = 20 mA
VR = 5 V
IF = 10 mA
UVS-547A
ANODE E
ANODE D
COMMON CATHODE *
ANODE C
ANODE D . P .
ANODE B
TEST CONDITION
Spectral Line Half-Width
PARAMETER
Reverse Current, Per Segment
Luminous Intensity Matching Ratio
Forward Voltage, Per Segment
Average Luminous Intensity
Peak Emission Wavelength
Unity Opto Technology Co., Ltd.


Similar Part No. - UVS-54XA

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-515 UOT-UVS-515 Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-515E UOT-UVS-515E Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-515G UOT-UVS-515G Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-515HR UOT-UVS-515HR Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-515P UOT-UVS-515P Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
More results

Similar Description - UVS-54XA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA52-11 KINGBRIGHT-SA52-11 Datasheet
149Kb / 5P
   13.2 MM SIGNLE DIGIT NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-547AHR LITEON-LTS-547AHR Datasheet
130Kb / 5P
   0.52 Inch (13.2 mm) digit height single digit seven-segment display
logo
Unity Opto Technology
UVS-51X UOT-UVS-51X Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-340XL UOT-UVS-340XL Datasheet
70Kb / 5P
   0.8 inch ( 20.32 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-4X01 UOT-UVS-4X01 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-36X UOT-UVS-36X Datasheet
50Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-5X01A UOT-UVS-5X01A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-40XXA UOT-UVS-40XXA Datasheet
64Kb / 5P
   0.4 inch ( 10.16 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-6XX0 UOT-UVS-6XX0 Datasheet
66Kb / 5P
   0.56 inch ( 14.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Everlight Electronics C...
ELS-515SURWA EVERLIGHT-ELS-515SURWA Datasheet
121Kb / 7P
   0.52 Single Digit Displays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com