Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6CK-1117P-US Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6CK-1117P-US
Description  Power PCB Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6CK-1117P-US Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6CK-1117P-US Datasheet HTML 1Page - Omron Electronics LLC G6CK-1117P-US Datasheet HTML 2Page - Omron Electronics LLC G6CK-1117P-US Datasheet HTML 3Page - Omron Electronics LLC G6CK-1117P-US Datasheet HTML 4Page - Omron Electronics LLC G6CK-1117P-US Datasheet HTML 5Page - Omron Electronics LLC G6CK-1117P-US Datasheet HTML 6Page - Omron Electronics LLC G6CK-1117P-US Datasheet HTML 7Page - Omron Electronics LLC G6CK-1117P-US Datasheet HTML 8Page - Omron Electronics LLC G6CK-1117P-US Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Power PCB Relay
G6C
157
Power PCB Relay
G6C
SPST-NO Type Breaks 10-A Loads;
SPST-NO + SPST-NC Breaks 8-A Load
• Compact: 20 x 15 x 10 mm (L x W x H).
• Low power consumption: 200 mW.
• Semi-sealed or fully sealed construction available.
• Unique moving loop armature reduces relay size, magnetic
interference, and contact bounce.
• Single and Dual coil latching types also available
• RoHS Compliant
+E
X
VDE
R
C
Ordering Information
Model Number Legend
Classification
Contact form
Straight Through-hole PCB
Self-clinching Through-hole PCB
Semi-sealed
Fully sealed
Semi-sealed
Fully sealed
Non-latching
SPST-NO
G6C-1117P-US
G6C-1114P-US
G6C-1117C-US
G6C-1114C-US
SPST-NO + SPST-NC G6C-2117P-US
G6C-2114P-US
G6C-2117C-US
G6C-2114C-US
Single coil latching
SPST-NO
G6CU-1117P-US
G6CU-1114P-US
G6CU-1117C-US
G6CU-1114C-US
SPST-NO + SPST-NC G6CU-2117P-US
G6CU-2114P-US
G6CU-2117C-US
G6CU-2114C-US
Dual coil latching
SPST-NO
G6CK-1117P-US
G6CK-1114P-US
G6CK-1117C-US
G6CK-1114C-US
SPST-NO + SPST-NC G6CK-2117P-US
G6CK-2114P-US
G6CK-2117C-US
G6CK-2114C-US
Rated coil voltage
Note: When ordering, add the rated coil voltage to the model number.
Example: G6C-1117P-US DC12
G6C
-
-
-
DC
12
34 5
6
7
8
1. Relay Function
None: Non-latching
U:
Single coil latching
K:
Dual coil latching
2. Contact Form
11:
SPST-NO
21:
SPST-NO + SPST-NC
3. Contact Type
1: Standard
4. Enclosure Ratings
4: Fully sealed
7: Semi-sealed
5. Terminals
P:
Straight Through-hole PCB
C:
Self-clinching Through-hole PCB
6. Approved Standards
US:
UL/CSA certified
7. Mounting Method
None: Mount directly to PCB
P6C: Mount to Socket
8. Rated Coil Voltage
3, 5, 6, 12, or 24 VDC


Similar Part No. - G6CK-1117P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6CK-1117P-US OMRON-G6CK-1117P-US Datasheet
271Kb / 10P
   Power PCB Relay
G6CK-1117P-US OMRON-G6CK-1117P-US Datasheet
512Kb / 10P
   Power PCB Relay
G6CK-1117P-US OMRON-G6CK-1117P-US Datasheet
594Kb / 12P
   SPST-NO Type Breaks 10-A Loads; SPST-NO SPST-NC Breaks 8-A Load
More results

Similar Description - G6CK-1117P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com