Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6CU-2117C-US Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6CU-2117C-US
Description  Power PCB Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6CU-2117C-US Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6CU-2117C-US Datasheet HTML 1Page - Omron Electronics LLC G6CU-2117C-US Datasheet HTML 2Page - Omron Electronics LLC G6CU-2117C-US Datasheet HTML 3Page - Omron Electronics LLC G6CU-2117C-US Datasheet HTML 4Page - Omron Electronics LLC G6CU-2117C-US Datasheet HTML 5Page - Omron Electronics LLC G6CU-2117C-US Datasheet HTML 6Page - Omron Electronics LLC G6CU-2117C-US Datasheet HTML 7Page - Omron Electronics LLC G6CU-2117C-US Datasheet HTML 8Page - Omron Electronics LLC G6CU-2117C-US Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
160
Power PCB Relay
G6C
■ Approved Standards
UL Recognized (File No. E41643) - - See note
Note: UL Recognition tests performed at 80
°C for 6,000 operations unless otherwise specified.
CSA Certified (File No. LR31928)
VDE (Approval No. 2413) EN61810-1
Model
Contact form
Coil rating
Contact rating
G6C-1114P-US
G6C-1114C-US
G6C-1117P-US
G6C-1117C-US
SPST-NO
3 to 60 VDC
10 A, 250 VAC (general use)
10 A, 30 VDC (resistive load)
1/6 hp, 125 VAC
1/4 hp, 125 VAC
1/4 hp, 250 VAC
1/3 hp, 250 VAC
TV-5 (40
°C, 25,000 operations)
600 W, 120 VAC (tungsten)
530 VA, 20 to 265 VAC, 2 A max. (pilot duty)
43.2 VA, 30 VDC (pilot duty)
12LRA, 2.2FLA, 30 VDC (30,000 operations)
G6C-2114P-US
G6C-2114C–US
G6C-2117P-US
G6C-2117C-US
SPST-NO + SPST-NC
8 A, 250 VAC (general use)
8 A, 30 VDC (resistive load)
1/6 hp, 125 VAC
1/4 hp, 125 VAC
1/4 hp, 250 VAC
1/3 hp, 250 VAC
TV-5 (40
°C, 25,000 operations)
600 W, 120 VAC (tungsten)
530 VA, 20 to 265 VAC, 2 A max. (pilot duty)
43.2 VA, 30 VDC (pilot duty)
12LRA, 2.2FLA, 30 VDC (30,000 operations)
Model
Contact form
Coil rating
Contact rating
G6C-1114P-US
G6C-1114C-US
G6C-1117P-US
G6C-1117C-US
SPST-NO
3 to 60 VDC
10 A, 250 VAC (general use)
10 A, 30 VDC (resistive load)
1/6 hp, 125 VAC
1/4 hp, 125 VAC
1/4 hp, 250 VAC
1/3 hp, 250 VAC
TV-5
600 W, 120 VAC (tungsten)
G6C-2114P-US
G6C-2114C-US
G6C-2117P-US
G6C-2117C-US
SPST-NO + SPST-NC
3 to 60 VDC
8 A, 250 VAC (general use)
8 A, 30 VDC (resistive load)
1/6 hp, 125 VAC
1/4 hp, 125 VAC
1/4 hp, 250 VAC
TV-5
600 W, 120 VAC (tungsten)
Model
Contact form
Coil rating
Contact rating
Number of test
operations
G6C-1114P-US
G6C-1114C-US
G6C-1117P-US
G6C-1117C-US
SPST-NO
3, 12, 24 VDC
10 A, 250 VAC (cos
φ = 1)
5 A, 250 VAC (cos
φ = 0.4)
100,000 operations
G6C-2114P-US
G6C-2114C-US
G6C-2117P-US
G6C-2117C-US
SPST-NO + SPST-NC Single-stable: 3, 5,
12, 24 VDC
Latching: 5 VDC
G6CU-2117P-VD:
3 VDC
7 A, 250 VAC (cos
φ = 1)
3.5 A, 250 VAC (cos
φ = 0.4)
100,000 operations


Similar Part No. - G6CU-2117C-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6CU-2117C-US OMRON-G6CU-2117C-US Datasheet
512Kb / 10P
   Power PCB Relay
More results

Similar Description - G6CU-2117C-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com