Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3S4YR-MMW4-101 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # 3S4YR-MMW4-101
Description  Motor Driven Card Reader/Writer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3S4YR-MMW4-101 Datasheet(HTML) 3 Page - Omron Electronics LLC

  3S4YR-MMW4-101 Datasheet HTML 1Page - Omron Electronics LLC 3S4YR-MMW4-101 Datasheet HTML 2Page - Omron Electronics LLC 3S4YR-MMW4-101 Datasheet HTML 3Page - Omron Electronics LLC 3S4YR-MMW4-101 Datasheet HTML 4Page - Omron Electronics LLC 3S4YR-MMW4-101 Datasheet HTML 5Page - Omron Electronics LLC 3S4YR-MMW4-101 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3S4YR-M❑❑
3S4YR-M❑❑
Pin #
Signal
Input/Output
14
CONT
Input
15
16
17
MFS
Input
18
MRS
Input
19
SI
Output
20
21
S3
Output
22
S4
Output
23
24
25
26
Pin #
Signal
Input/Output
1
+24 V
2
+24 V
3
+24 V
4
+24 V
50 V
60 V
70 V
80 V
9
RCP
Output
10
RDT
Output
11
WCP
Output
12
FGP
Output
13
WDT
Input
14
CONT
Input
15
CONT2
Input
16
CONT3
Input
17
MFS
Input
s I/O INFORMATION
3S4YR-MMW1
(TTL) Interface Connector
Pin #
Signal
Input/Output
18
MRS
Input
19
S1
Output
20
S2
Output
21
S3
Output
22
S4
Output
23
RCP2
Output
24
RCP3
Output
25
RDP2
Output
26
RDP3
Output
27
WDT2
Input
28
WDT3
Input
29
WCP2
Output
30
31
32
33
34
Pin #
Signal
Input/Output
1FG
2FG
3
POV
4
POV
5
POV
6
+ 24 V
7
+24 V
8
+24 V
90 V
10
0 V
11
+5 V
12
+5 V
13
14
15
FG
16
FG
17
SG
3S4YR-MMF4
RS-232C Interface Connector
Pin #
Signal
Input/Output
18
SG
Input
19
DSR
Input
20
CTS
Input
21
RXD
Input
22
DTR
Output
23
RTS
Output
24
TXD
Output
25
26
27
BZ
Output
28
+24 V
29
+5 V
30
0 V
31
LED3
Output
32
LED2
Output
33
LED1
Output
34
+5 V
MMF4 connectors (34 pin)
3M 3431-6002LCSC for card reader/writer side.
3M 3414-6500SC or 3M 3448-3034J for the cable side.
MMW1 connectors (34 pin)
Hirose HIF3BA-34PA-2.54DS (male) for card reader side.
Hirose HIF3BA-34D-2.54R (female) for the cable side.
Pin #
Signal
Input/Output
1
24 V
2
24 V
3
24 V
4
24 V
50 V
60 V
70 V
80 V
9
RCP
Output
10
RDT
Output
11
WCP
Output
12
FGP
Output
13
WDT
Input
MMW other connectors (26 pin)
Hirose HIF3BA-26PA-2.54DS (male) for card reader side.
Hirose HIF3BA-26D-2.54R (female) for the cable side.
3S4YR-MMW3,4,5
(TTL) Interface Connector
3


Similar Part No. - 3S4YR-MMW4-101

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MMW4-101 OMRON-3S4YR-MMW4-101 Datasheet
1Mb / 6P
   Reliable Reader/Writer Handles Magnetic Cards
More results

Similar Description - 3S4YR-MMW4-101

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MKW OMRON-3S4YR-MKW Datasheet
525Kb / 5P
   Motor Driven Card Reader/Writer
3S4YR-MVF OMRON-3S4YR-MVF Datasheet
389Kb / 4P
   Motor Driven Card Reader/Writer
3S4YR-MBR OMRON-3S4YR-MBR Datasheet
163Kb / 5P
   Motor Driven Card Reader
3S4YR-MBR4 OMRON-3S4YR-MBR4 Datasheet
163Kb / 5P
   Motor Driven Card Reader
V2AF OMRON-V2AF Datasheet
273Kb / 2P
   Motor Driven Hybrid Card Reader
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
logo
IOGEAR
GFR204SD IOGEAR-GFR204SD Datasheet
145Kb / 3P
   SD/MicroSD/MMC Card Reader/Writer
GFR281 IOGEAR-GFR281 Datasheet
246Kb / 3P
   56-in-1 Memory Card Reader/Writer
logo
Mitsumi Electronics, Co...
CKM-E81 MITSUMI-CKM-E81 Datasheet
185Kb / 2P
   USB Hub with Memory Card Reader/Writer
logo
IOGEAR
GFR381 IOGEAR-GFR381 Datasheet
145Kb / 3P
   SuperSpeed USB 3.0 Multi-Card Reader/Writer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com