Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5DU12822DFP-H Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY5DU12822DFP-H
Description  512Mb DDR SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12822DFP-H Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY5DU12822DFP-H Datasheet HTML 1Page - Hynix Semiconductor HY5DU12822DFP-H Datasheet HTML 2Page - Hynix Semiconductor HY5DU12822DFP-H Datasheet HTML 3Page - Hynix Semiconductor HY5DU12822DFP-H Datasheet HTML 4Page - Hynix Semiconductor HY5DU12822DFP-H Datasheet HTML 5Page - Hynix Semiconductor HY5DU12822DFP-H Datasheet HTML 6Page - Hynix Semiconductor HY5DU12822DFP-H Datasheet HTML 7Page - Hynix Semiconductor HY5DU12822DFP-H Datasheet HTML 8Page - Hynix Semiconductor HY5DU12822DFP-H Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Rev 1.0 / May 2007
4
1
HY5DU12822DF(P) / HY5DU121622DF(P)
ROW AND COLUMN ADDRESS TABLE
ITEMS
64Mx8
32Mx16
Organization
16M x 8 x 4banks
8M x 16 x 4banks
Row Address
A0 - A12
A0 - A12
Column Address
A0-A9, A11
A0-A9
Bank Address
BA0, BA1
BA0, BA1
Auto Precharge Flag
A10
A10
Refresh
8K
8K
VSSQ
NC
NC
NC
NC
VREF
DQ7
VDDQ
VSSQ
VDDQ
VSSQ
VSS
VSS
DQ6
DQ5
DQ4
DQS
DM
CK
A12
A11
A8
A6
A4
CK
CKE
A9
A7
A5
VSS
WE
RAS
BA1
A0
A2
VDD
VDD
DQ1
DQ2
DQ3
NC
NC
VDDQ
NC
NC
NC
NC
NC
DQ0
VSSQ
VDDQ
VSSQ
VDDQ
VDD
CAS
CS
BA0
A10/AP
A1
A3
1
2
3
7
9
8
A
B
C
D
E
F
G
H
J
K
L
M
x8 Device Ball Pattern
(X8)
VSSQ
DQ14
DQ12
DQ10
DQ8
VREF
DQ15
VDDQ
VSSQ
VDDQ
VSSQ
VSS
VSS
DQ13
DQ11
DQ9
UDQS
UDM
CK
A12
A11
A8
A6
A4
CK
CKE
A9
A7
A5
VSS
WE
RAS
BA1
A0
A2
VDD
VDD
DQ2
DQ4
DQ6
LDQS
LDM
VDDQ
DQ1
DQ3
DQ5
DQ7
NC
DQ0
VSSQ
VDDQ
VSSQ
VDDQ
VDD
CAS
CS
BA0
A10/AP
A1
A3
1
2
3
7
9
8
A
B
C
D
E
F
G
H
J
K
L
M
(X16)
x16 Device Ball Pattern
A
B
C
D
E
F
G
H
J
K
L
M
1
2
3
4
5
6
7
8
9
0.8m m
12.0m m
: B all E xistin g
: D ep opu lated B all
[ Fo r R eference O nly ]
To p V iew (S ee the balls through th e P ackage)
B G A P ackage B all P attern
Top View
10 .0m m
1.0m m


Similar Part No. - HY5DU12822DFP-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822DFP-HI HYNIX-HY5DU12822DFP-HI Datasheet
466Kb / 29P
   512Mb DDR SDRAM
More results

Similar Description - HY5DU12822DFP-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com