Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5DU121622BTP-6 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY5DU121622BTP-6
Description  512Mb(32Mx16) gDDR SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU121622BTP-6 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY5DU121622BTP-6 Datasheet HTML 1Page - Hynix Semiconductor HY5DU121622BTP-6 Datasheet HTML 2Page - Hynix Semiconductor HY5DU121622BTP-6 Datasheet HTML 3Page - Hynix Semiconductor HY5DU121622BTP-6 Datasheet HTML 4Page - Hynix Semiconductor HY5DU121622BTP-6 Datasheet HTML 5Page - Hynix Semiconductor HY5DU121622BTP-6 Datasheet HTML 6Page - Hynix Semiconductor HY5DU121622BTP-6 Datasheet HTML 7Page - Hynix Semiconductor HY5DU121622BTP-6 Datasheet HTML 8Page - Hynix Semiconductor HY5DU121622BTP-6 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Rev. 0.2 / Mar. 2005
4
HY5DU121622BT(P)
PIN CONFIGURATION
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
/CK
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
x16
x16
400mil X 875mil
66pin TSOP -II
0.65mm pin pitch
ROW AND COLUMN ADDRESS TABLE
ITEMS
32Mx16
Organization
8M x 16 x 4banks
Row Address
A0 - A12
Column Address
A0-A9
Bank Address
BA0, BA1
Auto Precharge Flag
A10
Refresh
8K


Similar Part No. - HY5DU121622BTP-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU121622BTP-X HYNIX-HY5DU121622BTP-X Datasheet
396Kb / 37P
   512Mb DDR SDRAM
More results

Similar Description - HY5DU121622BTP-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU121622CTP HYNIX-HY5DU121622CTP Datasheet
233Kb / 29P
   512Mb(32Mx16) GDDR SDRAM
H5PS5162FFR-16C HYNIX-H5PS5162FFR-16C Datasheet
1Mb / 81P
   512Mb(32Mx16) DDR2 SDRAM
logo
List of Unclassifed Man...
IS43R16320D ETC2-IS43R16320D Datasheet
1Mb / 33P
   16Mx32, 32Mx16, 64Mx8 512Mb DDR SDRAM
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
K4X51163PE-L SAMSUNG-K4X51163PE-L Datasheet
534Kb / 20P
   32Mx16 Mobile DDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D553238F-JC SAMSUNG-K4D553238F-JC Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com