Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5DU323222QP-6 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY5DU323222QP-6
Description  32M(1Mx32) DDR SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU323222QP-6 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY5DU323222QP-6 Datasheet HTML 2Page - Hynix Semiconductor HY5DU323222QP-6 Datasheet HTML 3Page - Hynix Semiconductor HY5DU323222QP-6 Datasheet HTML 4Page - Hynix Semiconductor HY5DU323222QP-6 Datasheet HTML 5Page - Hynix Semiconductor HY5DU323222QP-6 Datasheet HTML 6Page - Hynix Semiconductor HY5DU323222QP-6 Datasheet HTML 7Page - Hynix Semiconductor HY5DU323222QP-6 Datasheet HTML 8Page - Hynix Semiconductor HY5DU323222QP-6 Datasheet HTML 9Page - Hynix Semiconductor HY5DU323222QP-6 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Rev. 0.3 / Jun. 2005
6
11HY5DU323222QP
FUNCTIONAL BLOCK DIAGRAM
4Banks x 256Kbit x 32 I/O Double Data Rate Synchronous DRAM
Command
Decoder
CLK
/CLK
CKE
/CS
/RAS
/CAS
/WE
DM
(0~3)
Address
Buffer
A0 ~ A9
Bank
Control
256Kx32/Bank0
Column Decoder
Column Address
Counter
Kx32 /Bank1
Kx32 /Bank2
Kx32 /Bank3
Mode
Register
Row
Decoder
Data Strobe
Transmitter
Data Strobe
Receiver
DQS
DS
Write Data Register
2-bit Prefetch Unit
DS
DQ[0:31]
64
32
32
64
BA0, BA1
DLL
Block
CLK_DLL
CLK,
/CLK
Mode
Register
256
256
256
Command
Decoder
CLK
/CLK
CKE
/CS
/RAS
/CAS
/WE
DM
(0~3)
Address
Buffer
A0 ~ A9
Bank
Control
256Kx32/Bank0
Column Decoder
Column Address
Counter
Kx32 /Bank1
Kx32 /Bank2
Kx32 /Bank3
Mode
Register
Row
Decoder
Data Strobe
Transmitter
Data Strobe
Receiver
DQS
DS
Write Data Register
2-bit Prefetch Unit
DS
DQ[0:31]
64
32
32
64
BA0, BA1
DLL
Block
CLK_DLL
CLK,
/CLK
Mode
Register
256
256
256


Similar Part No. - HY5DU323222QP-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU323222Q HYNIX-HY5DU323222Q Datasheet
710Kb / 29P
   32M(1Mx32) DDR SDRAM
HY5DU323222Q-5 HYNIX-HY5DU323222Q-5 Datasheet
710Kb / 29P
   32M(1Mx32) DDR SDRAM
HY5DU323222Q-6 HYNIX-HY5DU323222Q-6 Datasheet
710Kb / 29P
   32M(1Mx32) DDR SDRAM
More results

Similar Description - HY5DU323222QP-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU323222Q HYNIX-HY5DU323222Q Datasheet
710Kb / 29P
   32M(1Mx32) DDR SDRAM
logo
FIDELIX
CMS3232LAX-75EX FIDELIX-CMS3232LAX-75EX Datasheet
1Mb / 46P
   32M(1Mx32) Low Power SDRAM
CMS3232LAX-75XX FIDELIX-CMS3232LAX-75XX Datasheet
612Kb / 46P
   32M(1Mx32) Low Power SDRAM
logo
Samsung semiconductor
K4X51163PC SAMSUNG-K4X51163PC Datasheet
217Kb / 23P
   32M x16 Mobile-DDR SDRAM
logo
Emerging Memory & Logic...
EMD12164P EMLSI-EMD12164P Datasheet
2Mb / 45P
   512M: 32M x 16 Mobile DDR SDRAM
logo
White Electronic Design...
EDI9LC644V WEDC-EDI9LC644V Datasheet
1Mb / 25P
   128Kx32 SSRAM/1Mx32 SDRAM
logo
Etron Technology, Inc.
EM6AB160TSA ETRON-EM6AB160TSA Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
EM68B16DVAA ETRON-EM68B16DVAA Datasheet
328Kb / 40P
   32M x 16 Mobile DDR Synchronous DRAM (SDRAM)
logo
Samsung semiconductor
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
   32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
logo
Elpida Memory
EDD2508AKTA-5-E ELPIDA-EDD2508AKTA-5-E Datasheet
551Kb / 48P
   256M bits DDR SDRAM (32M words x 8 bits, DDR400)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com