Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5DW113222FM-36 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY5DW113222FM-36
Description  512M(16Mx32) GDDR SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DW113222FM-36 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY5DW113222FM-36 Datasheet HTML 1Page - Hynix Semiconductor HY5DW113222FM-36 Datasheet HTML 2Page - Hynix Semiconductor HY5DW113222FM-36 Datasheet HTML 3Page - Hynix Semiconductor HY5DW113222FM-36 Datasheet HTML 4Page - Hynix Semiconductor HY5DW113222FM-36 Datasheet HTML 5Page - Hynix Semiconductor HY5DW113222FM-36 Datasheet HTML 6Page - Hynix Semiconductor HY5DW113222FM-36 Datasheet HTML 7Page - Hynix Semiconductor HY5DW113222FM-36 Datasheet HTML 8Page - Hynix Semiconductor HY5DW113222FM-36 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Rev. 0.1 / Oct. 2004
4
HY5DW113222FM(P)
PIN CONFIGURATION (Top View)
ROW and COLUMN ADDRESS TABLE
Items
16Mx32
Organization
2M x 32 x 4banks x 2chip
Row Address
A0 ~ A11
Column Address
A0 ~ A7, A9
Bank Address
BA0, BA1
Auto Precharge Flag
A8
Refresh
4K
Chip Selection
CS0, CS1
Note:
1. 16Mx32 DDR is composed of two 8Mx32 DDR.
2. Multi-chip(16Mx32 DDR) is controlled by CS0 and CS1, individually.
Note :
1. Outer ball, A1~A14, P1~P14, A1~P1, A14~P14 are depopulated.
2. Ball L9(NC2) is reserved for A12.
3. Ball M10(NC3) is reserved for BA2.
A
B
C
D
E
F
G
H
J
K
L
M
N
P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DQS0
DM0
VSSQ
DQ3
DQ2
DQ0
DQ31
DQ29
DQ28
VSSQ
DM3
DQS3
DQ4
VDDQ
NC
VDDQ
DQ1
VDDQ
VDDQ
DQ30
VDDQ
NC
VDDQ
DQ27
DQ6
DQ5
VSSQ
VSSQ
VSSQ
VDD
VDD
VSSQ
VSSQ
VSSQ
DQ26
DQ25
DQ7
VDDQ
VDD
VSS
VSSQ
VSS
VSS
VSSQ
VSS
VDD
VDDQ
DQ24
DQ17
DQ16
VDDQ
VSSQ
VSS
Termal
VSS
Termal
VSS
Termal
VSS
Termal
VSSQ
VDDQ
DQ15
DQ14
DQ19
DQ18
VDDQ
VSSQ
VSS
Termal
VSS
Termal
VSS
Termal
VSS
Termal
VSSQ
VDDQ
DQ13
DQ12
DQS2
DM2
NC
VSSQ
VSS
Termal
VSS
Termal
VSS
Termal
VSS
Termal
VSSQ
NC
DM1
DQS1
DQ21
DQ20
VDDQ
VSSQ
VSS
Termal
VSS
Termal
VSS
Termal
VSS
Termal
VSSQ
VDDQ
DQ11
DQ10
DQ22
DQ23
VDDQ
VSSQ
VSS
VSS
VSS
VSS
VSSQ
VDDQ
DQ9
DQ8
/CAS
/WE
VDD
VSS
A10
VDD
VDD
NC2
VSS
VDD
NC
NC
/RAS
NC
/CS1
BA1
A2
A11
A9
A5
NC3
CLK
/CLK
NC
NC
BA0
A0
A1
A3
A4
A6
A7
A8/AP
CKE
VREF
/CS0


Similar Part No. - HY5DW113222FM-36

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DW283222AF HYNIX-HY5DW283222AF Datasheet
319Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DW283222AF-22 HYNIX-HY5DW283222AF-22 Datasheet
319Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DW283222AF-25 HYNIX-HY5DW283222AF-25 Datasheet
319Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DW283222AF-28 HYNIX-HY5DW283222AF-28 Datasheet
319Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DW283222AF-33 HYNIX-HY5DW283222AF-33 Datasheet
319Kb / 28P
   128M(4Mx32) GDDR SDRAM
More results

Similar Description - HY5DW113222FM-36

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU113222FM-2 HYNIX-HY5DU113222FM-2 Datasheet
299Kb / 30P
   512M(16Mx32) GDDR SDRAM
HY5DS113222FM HYNIX-HY5DS113222FM Datasheet
431Kb / 30P
   512M(16Mx32) GDDR SDRAM
HY5FS123235AFCP HYNIX-HY5FS123235AFCP Datasheet
1Mb / 74P
   512M (16Mx32) GDDR4 SDRAM
logo
White Electronic Design...
WED3DL3216V WEDC-WED3DL3216V Datasheet
804Kb / 27P
   16Mx32 SDRAM
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D553238F-JC SAMSUNG-K4D553238F-JC Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com