Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3V-16G2MK-1A4-TKE Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D3V-16G2MK-1A4-TKE
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-16G2MK-1A4-TKE Datasheet(HTML) 5 Page - Omron Electronics LLC

  D3V-16G2MK-1A4-TKE Datasheet HTML 1Page - Omron Electronics LLC D3V-16G2MK-1A4-TKE Datasheet HTML 2Page - Omron Electronics LLC D3V-16G2MK-1A4-TKE Datasheet HTML 3Page - Omron Electronics LLC D3V-16G2MK-1A4-TKE Datasheet HTML 4Page - Omron Electronics LLC D3V-16G2MK-1A4-TKE Datasheet HTML 5Page - Omron Electronics LLC D3V-16G2MK-1A4-TKE Datasheet HTML 6Page - Omron Electronics LLC D3V-16G2MK-1A4-TKE Datasheet HTML 7Page - Omron Electronics LLC D3V-16G2MK-1A4-TKE Datasheet HTML 8Page - Omron Electronics LLC D3V-16G2MK-1A4-TKE Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Miniature Basic Switch
D3V
77
6 A (OF: 50 gf)
01 A (OF: 50 gf)
01 A (OF: 25 gf)
• The
@ in the model number is for the terminal code.
A:
Solder/quick-connect terminals (#187)
C2:
Quick-connect terminals (#187)
C:
Quick-connect terminals (#250)
C6
RAST5 terminals (#250)
• The
● in the model number is for the enclosure material
None: Standard
T:
High Temperature (200
°C for D3V-6/-01, 155°C for D3V-11)
W2:
EN60695-2-11/-12 conformity with PTI=250
• The
Δ in the model number is for the mounting hole size.
None: 3.1 mm
K:
2.9 mm
• The
∇ in the model number is for the special code
None: Standard
H:
High Temperature (125
°C)
E:
Special rating of 21A (8)A (for D3V-21 only)
Actuator
Hinge position
(far from plunger)
Contact form
SPDT
SPST-NC
SPST-NO
---
D3V-6G-1
@3-
●-Δ-∇
D3V-6G-2
@3-
●-Δ-∇
D3V-6G-3
@3-
●-Δ-∇
Internal
D3V-6G1-1
@3-
●-Δ-∇
D3V-6G1-2
@3-
●-Δ-∇
D3V-6G1-3
@3-
●-Δ-∇
External (M)
D3V-6G1M-1
@3-
●-Δ-∇
D3V-6G1M-2
@3-
●-Δ-∇
D3V-6G1M-3
@3-
●-Δ-∇
Internal
D3V-6G2-1
@3-
●-Δ-∇
D3V-6G2-2
@3-
●-Δ-∇
D3V-6G2-3
@3-
●-Δ-∇
External (M)
D3V-6G2M-1
@3-
●-Δ-∇
D3V-6G2M-2
@3-
●-Δ-∇
D3V-6G2M-3
@3-
●-Δ-∇
Internal
D3V-6G3-1
@3-
●-Δ-∇
D3V-6G3-2
@3-
●-Δ-∇
D3V-6G3-3
@3-
●-Δ-∇
External (M)
D3V-6G3M-1
@3-
●-Δ-∇
D3V-6G3M-2
@3-
●-Δ-∇
D3V-6G3M-3
@3-
●-Δ-∇
Internal
D3V-6G4-1
@3-
●-Δ-∇
D3V-6G4-2
@3-
●-Δ-∇
D3V-6G4-3
@3-
●-Δ-∇
External (M)
D3V-6G4M-1
@3-
●-Δ-∇
D3V-6G4M-2
@3-
●-Δ-∇
D3V-6G4M-3
@3-
●-Δ-∇
Internal
D3V-6G5-1
@3-
●-Δ-∇
D3V-6G5-2
@3-
●-Δ-∇
D3V-6G5-3
@3-
●-Δ-∇
External (M)
D3V-6G5M-1
@3-
●-Δ-∇
D3V-6G5M-2
@3-
●-Δ-∇
D3V-6G5M-3
@3-
●-Δ-∇
Internal
D3V-6G6-1
@3-
●-Δ-∇
D3V-6G6-2
@3-
●-Δ-∇
D3V-6G6-3
@3-
●-Δ-∇
External (M)
D3V-6G6M-1
@3-
●-Δ-∇
D3V-6G6M-2
@3-
●-Δ-∇
D3V-6G6M-3
@3-
●-Δ-∇
Actuator
Hinge position
(far from plunger)
Contact form
SPDT
SPST-NC
SPST-NO
---
D3V-01-1
@3-
●-Δ-∇
D3V-01-2
@3-
●-Δ-∇
D3V-01-3
@3-
●-Δ-∇
Internal
D3V-011-1
@3-
●-Δ-∇
D3V-011-2
@3-
●-Δ-∇
D3V-011-3
@3-
●-Δ-∇
External (M)
D3V-011M-1
@3-
●-Δ-∇
D3V-011M-2
@3-
●-Δ-∇
D3V-011M-3
@3-
●-Δ-∇
Internal
D3V-012-1
@3-
●-Δ-∇
D3V-012-2
@3-
●-Δ-∇
D3V-012-3
@3-
●-Δ-∇
External (M)
D3V-012M-1
@3-
●-Δ-∇
D3V-012M-2
@3-
●-Δ-∇
D3V-012M-3
@3-
●-Δ-∇
Internal
D3V-013-1
@3-
●-Δ-∇
D3V-013-2
@3-
●-Δ-∇
D3V-013-3
@3-
●-Δ-∇
External (M)
D3V-013M-1
@3-
●-Δ-∇
D3V-013M-2
@3-
●-Δ-∇
D3V-013M-3
@3-
●-Δ-∇
Internal
D3V-014-1
@3-
●-Δ-∇
D3V-014-2
@3-
●-Δ-∇
D3V-014-3
@3-
●-Δ-∇
External (M)
D3V-014M-1
@3-
●-Δ-∇
D3V-014M-2
@3-
●-Δ-∇
D3V-014M-3
@3-
●-Δ-∇
Internal
D3V-015-1
@3-
●-Δ-∇
D3V-015-2
@3-
●-Δ-∇
D3V-015-3
@3-
●-Δ-∇
External (M)
D3V-015M-1
@3-
●-Δ-∇
D3V-015M-2
@3-
●-Δ-∇
D3V-015M-3
@3-
●-Δ-∇
Internal
D3V-016-1
@3-
●-Δ-∇
D3V-016-2
@3-
●-Δ-∇
D3V-016-3
@3-
●-Δ-∇
External (M)
D3V-016M-1
@3-
●-Δ-∇
D3V-016M-2
@3-
●-Δ-∇
D3V-016M-3
@3-
●-Δ-∇
Actuator
Hinge position
(far from plunger)
Contact form
SPDT
SPST-NC
SPST-NO
---
D3V-01-1
@2-
●-Δ-∇
D3V-01-2
@2-
●-Δ-∇
D3V-01-3
@2-
●-Δ-∇
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever
Pin plunger


Similar Part No. - D3V-16G2MK-1A4-TKE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3V-16 OMRON-D3V-16 Datasheet
1Mb / 16P
   Reliable Basic Switch with External Lever
D3V-16-3C25 OMRON-D3V-16-3C25 Datasheet
1Mb / 16P
   Reliable Basic Switch with External Lever
More results

Similar Description - D3V-16G2MK-1A4-TKE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com