Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6DS-1A-H Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6DS-1A-H
Description  PCB Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6DS-1A-H Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6DS-1A-H Datasheet HTML 1Page - Omron Electronics LLC G6DS-1A-H Datasheet HTML 2Page - Omron Electronics LLC G6DS-1A-H Datasheet HTML 3Page - Omron Electronics LLC G6DS-1A-H Datasheet HTML 4Page - Omron Electronics LLC G6DS-1A-H Datasheet HTML 5Page - Omron Electronics LLC G6DS-1A-H Datasheet HTML 6Page - Omron Electronics LLC G6DS-1A-H Datasheet HTML 7Page - Omron Electronics LLC G6DS-1A-H Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
132
PCB Relay
G6DS
■ Coil Ratings
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. “Max. voltage” refers to voltage that can be applied to the relay coil momentarily. Do not apply "Max. voltage" continuously.
■ Contact Ratings
Note: P level:
λ
60 = 0.1 × 10
−6 operation
■ Characteristics
Note: 1. The data shown above are initial values.
2. The contact resistance is derived using voltage drop method with 1 A applied at 5 VDC.
3. The insulation resistance is possible between coil and contacts and between contacts of the same polarity at 500 VDC.
Item
Standard
High-sensitivity
Rated voltage
5 VDC
12 VDC
24 VDC
5 VDC
12 VDC
24 VDC
Rated current
36 mA
15 mA
7.5 mA
24 mA
10 mA
5 mA
Coil resistance
139
Ω
800
Ω
3,200
Ω
208
Ω
1,200
Ω
4,800
Ω
Must operate voltage
70% max. of rated voltage
Must release voltage
5% min. of rated voltage
Max. voltage
160% of rated voltage (at 23
°C)
Power consumption
Approx. 180 mW
Approx. 120 mW
Item
Resistive load (cos
φ=1)
Inductive load (cos
φ=0.4, L/R=7 ms)
Rated load
5 A at 250 VAC, 5 A at 30 VDC
2 A at 250 VAC, 2 A at 30 VDC
Rated carry current
5 A
Max. switching voltage
250 VAC, 30 VDC
Max. switching current
5 A
Max. switching power
1,250 VA, 150 W
Failure rate (reference value) (See note.)
5 mA at 24 VDC
Contact resistance (See note 1.)
100 m
Ω max.
Operate time
10 ms max.
Release time
5 ms max.
Insulation resistance (See note 2.)
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
3,000 VAC, 50/60 Hz for 1 min. between coil and contacts
750 VAC, 50/60 Hz for 1 min. between contacts of same polarity
Impulse withstand voltage
6,000 V (1.2
× 50 μs) between coil and contacts
Vibration resistance
Destruction
10 to 55 to 10 Hz, 1.5-mm double amplitude
Malfunction
10 to 55 to 10 Hz, 1.5-mm double amplitude
Shock resistance
Destruction
1,000 m/s2
Malfunction
150 m/s2 (standard type); 130 m/s2 (high-sensitivity type)
Endurance
Mechanical
20,000,000 operations min. (at 18,000 operations/hr)
Electrical
100,000 operations min. for standard type; 80,000 operations min. for high sensitivity type (1,800
operations/hr @ 23
°C)
Ambient temperature
Operating:
−40°C to 85°C (with no icing or condensation)
Ambient humidity
Operating: 5% to 85%
Weight
Approx. 2.3 g


Similar Part No. - G6DS-1A-H

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G6D GULFSEMI-G6D Datasheet
835Kb / 2P
   MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Omron Electronics LLC
G6D OMRON-G6D Datasheet
164Kb / 4P
   Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
G6D-1A-ASI OMRON-G6D-1A-ASI Datasheet
643Kb / 6P
   Power PCB Relay
G6D-1A-ASI OMRON-G6D-1A-ASI Datasheet
644Kb / 6P
   Power PCB Relay
More results

Similar Description - G6DS-1A-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com