Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5FS123235AFCP-07 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY5FS123235AFCP-07
Description  512M (16Mx32) GDDR4 SDRAM
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5FS123235AFCP-07 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY5FS123235AFCP-07 Datasheet HTML 1Page - Hynix Semiconductor HY5FS123235AFCP-07 Datasheet HTML 2Page - Hynix Semiconductor HY5FS123235AFCP-07 Datasheet HTML 3Page - Hynix Semiconductor HY5FS123235AFCP-07 Datasheet HTML 4Page - Hynix Semiconductor HY5FS123235AFCP-07 Datasheet HTML 5Page - Hynix Semiconductor HY5FS123235AFCP-07 Datasheet HTML 6Page - Hynix Semiconductor HY5FS123235AFCP-07 Datasheet HTML 7Page - Hynix Semiconductor HY5FS123235AFCP-07 Datasheet HTML 8Page - Hynix Semiconductor HY5FS123235AFCP-07 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
Rev. 1.2 /June. 2008
5
HY5FS123235AFCP
FEATURES
• Double-data rate architecture;
two data transfers per clock cycle
• Single ended READ strobe (RDQS) per byte
• Single ended WRITE strobe (WDQS) per byte
• Differential clock inputs (CK and CK#)
• Commands entered on each positive CK edge;
data and data mask referenced to both edges
of RDQS/WDQS
• Eight internal banks for concurrent operation
• Data mask (DM) for masking WRITE data
• Burst Length: 8 only
• Multiplexed addressing
• Auto Precharge option for each burst access
• Auto Refresh and Self Refresh Modes
• On die termination (ODT)
• Calibrated output drive
• Programmable offset for both driver and termination
• POD_18 compatible inputs/outputs
• VDD and VDDQ: 1.8V +/- 5%, 2.0V +/- 5%
• CAS Latency : 7~22
FUNCTIONAL DESCRIPTION
The Hynix HY5FS123235AFCP is a high speed CMOS,
dynamic random access memory internally configured as
a eight bank DRAM.
These devices contain the following number of bits:
512M has 536,870,912 bits and eight banks
The Hynix HY5FS123235AFCP uses a double data rate
architecture to achieve high speed operation.
Thedoubledataratearchitectureisessentially an 8N
prefetch architecture with an interface designed to transfer
two data words per clock cycle at the I/O pins.
A single read or write access for the
Hynix HY5FS123235AFCP effectively consists of an 8N
data transfer every four clock-cycles at the inernal
DRAM core and eight corresponding n-bit wide, one-half-
clock-cycle data transfers at the I/O pins.
Uni-directional data strobes are transmitted
externally, along with data, for use in data capture
at the receiver. RDQS is a strobe transmitted by the
GDDR4 SDRAM during READs. WDQS is the data strobe
sent by the memory controller during WRITEs.
RDQS is edge aligned with data for READs and WDQS is
center aligned with data for WRITEs.
The GDDR4 SDRAM operates from a differential clock
(CK and CK# the crossing of the CK going high and
CK# going low will be referred to as the positive edge
of CK). Commands (address and control signals)
are registered at the positive edge of CK.
Address is received on two consecutive rising edges of
CK. Input data is registered at both edges of WDQS,
and output data is referenced to both edges of RDQS,
as well as to both edges of CK.
Read and write accesses to the GDDR4 SDRAM are
burst oriented; accesses start at a selected location
and continue for a total of eight locations. Accesses begi
n with the registration of an ACTIVE command, which is
then followed by a READ or WRITE command.
The address bits registered coincident with the ACTIVE
command are used to select the bank and the row to be
accessed. The address bits registered coincident with the
READ or WRITE command are used to select the bank
and the starting column locaion for the burst access.
ORDERING INFORMATION
Note: Above Hynix P/N’s and their homogeneous Subcomponents are RoHS(& Lead free) Compliant.
Part No.
Power Supply
Clock Frequency
Max Data Rate
Interface
HY5FS123235AFCP-06
VDD/VDDQ = 2.0V
1.6GHz
3.2Gbps/pin
POD_18
HY5FS123235AFCP- 07
1.4GHz
2.8Gbps/pin
HY5FS123235AFCP- 08
VDD/VDDQ = 1.8V
1.2GHz
2.4Gbps/pin
HY5FS123235AFCP- 09
1.1GHz
2.2Gbps/pin


Similar Part No. - HY5FS123235AFCP-07

ManufacturerPart #DatasheetDescription
logo
LEM
HY5-P LEM-HY5-P Datasheet
109Kb / 2P
   Current Transducers HY 5 to 25-P
HY5-P LEM-HY5-P Datasheet
685Kb / 2P
   Current Transducers
HY5-P LEM-HY5-P_06 Datasheet
685Kb / 2P
   Current Transducers
HY50-P LEM-HY50-P Datasheet
130Kb / 2P
   Current Transducer HY 50-P
HY50-P LEM-HY50-P Datasheet
679Kb / 2P
   Current Transducers
More results

Similar Description - HY5FS123235AFCP-07

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DS113222FM HYNIX-HY5DS113222FM Datasheet
431Kb / 30P
   512M(16Mx32) GDDR SDRAM
HY5DW113222FMP HYNIX-HY5DW113222FMP Datasheet
300Kb / 30P
   512M(16Mx32) GDDR SDRAM
HY5DU113222FM-2 HYNIX-HY5DU113222FM-2 Datasheet
299Kb / 30P
   512M(16Mx32) GDDR SDRAM
logo
White Electronic Design...
WED3DL3216V WEDC-WED3DL3216V Datasheet
804Kb / 27P
   16Mx32 SDRAM
logo
Hynix Semiconductor
H5RS5223CFR-N3C HYNIX-H5RS5223CFR-N3C Datasheet
1Mb / 66P
   512Mbit (16Mx32) GDDR3 SDRAM
logo
Elpida Memory
EDS5104ABTA ELPIDA-EDS5104ABTA Datasheet
564Kb / 52P
   512M bits SDRAM
logo
List of Unclassifed Man...
IS43R16320D ETC2-IS43R16320D Datasheet
1Mb / 33P
   16Mx32, 32Mx16, 64Mx8 512Mb DDR SDRAM
logo
Elpida Memory
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com