Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB78 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSB78
Description  Single Phase Rectifier Bridge
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSB78 Datasheet(HTML) 1 Page - Powersem GmbH

  PSB78 Datasheet HTML 1Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Single Phase
PSB 78
I
dAV
= 78 A
Rectifier Bridge
V
RRM
= 800-1600V
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
V
RSM
V
RRM
Type
V
DSM
V
DRM
(V)
(V)
800
800 PSB 78/08
1200 1200 PSB 78/12
1400 1400 PSB 78/14
1600 1600 PSB 78/16
Preliminary Data Sheet
Symbol
Test Conditions
Maximum Ratings
I
dAVM
T
C = 100 °C,
(per module)
78
A
I
FSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
750
A
V
R = 0
t = 8.3 ms (60 Hz), sine
820
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
600
A
V
R = 0
t = 8.3 ms (60 Hz), sine
700
A
∫∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
2800
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
2820
A²s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
2200
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
2250
A²s
T
VJ
-40... + 150
°C
T
VJM
150
°C
T
stg
-40... + 150
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V
I
ISOL ≤ 1 mA
t = 1 s
3000
V
M
d
Mounting torque
(M4)
1.5 - 2.0
Nm
Weight
typ.
22
g
I
R
V
R = VRRM, TVJ = 25°C
0.5
mA
V
R = VRRM, TVJ = TVJM
5
mA
V
F
I
F = 150 A,
T
VJ = 25 °C
1.6
V
V
TO
For power-loss calculations only
0.8
V
r
T
6
m
R
thJC
per diode; DC current
1.2
K/W
per module
0.3
K/W
R
thJK
per diode; DC current
1.5
K/W
per module
0.375
K/W
d
s
Creeping distance on surface
11.2
mm
d
A
Creeping distance in air
9.7
mm
a
Max. allowable acceleration
50
m/s²
Data according to IEC 60747 refer to a single diode unless otherwise stated
Symbol
Test Conditions
Characteristic Value
Features
Package with DCB ceramic base plate
Isolation voltage 3000 V
Planar glass passivated chips
Low forward voltage drop
Leads suitable for PC board
soldering
UL registered, E 148688
Applications
Supplies for DC power equipment
Input rectifier for PWM inverter
Battery DC power supplies
Field supply for DC motors
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
High power density
Small and light weight
Package style and outline
Dimensions in mm (1mm = 0.0394“)
~ L 9
EG 1
~ K10
-
PS 18
+
ECO-PACTM 2


Similar Part No. - PSB78

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7110 SIEMENS-PSB7110 Datasheet
1Mb / 164P
   Enhanced ISDN Data Access Controller ISAR
PSB7115 SIEMENS-PSB7115 Datasheet
2Mb / 264P
   Enhanced ISDN Data Access Controller ISAR 34
PSB7115FV2.1 SIEMENS-PSB7115FV2.1 Datasheet
2Mb / 264P
   Enhanced ISDN Data Access Controller ISAR 34
logo
Powersem GmbH
PSB71F POWERSEM-PSB71F Datasheet
158Kb / 1P
   Single Phase Rectifier Bridge
PSB71F POWERSEM-PSB71F Datasheet
158Kb / 1P
   Single Phase Rectifier Bridge
More results

Similar Description - PSB78

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com