Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVS-6980E Datasheet(PDF) 1 Page - Unity Opto Technology

Part # UVS-6980E
Description  0.56 inch ( 14.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-6980E Datasheet(HTML) 1 Page - Unity Opto Technology

  UVS-6980E Datasheet HTML 1Page - Unity Opto Technology UVS-6980E Datasheet HTML 2Page - Unity Opto Technology UVS-6980E Datasheet HTML 3Page - Unity Opto Technology UVS-6980E Datasheet HTML 4Page - Unity Opto Technology UVS-6980E Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0.56 inch ( 14.2 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-6XX0 SERIES
DESCRIPTION
The UVS-6X60/6X80 is 0.56 inch (14.2mm) height single digit display.
Choices of five colors-high efficiency red/bright red/green/yellow/red orange.
High efficirncy red displays has red face and red segments. Bright red displays has balck face and red segments.
Green and yellow displays have gray face and white segments. Red orange displays has orange face and orange segments.
The bright red and green LED chip are made from GaP on a transparent GaP substrate.
The yellow and red orange LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Continuous uniform segments.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
75
40
75
60
75
mW
25
15
25
20
25
mA
0.33
0.2
0.33
0.27
0.33
mA/
oC
5
5
5
5
5
V
l
Industuy Standard Size
l
Wide Viewing angle
11/14/2000
-35
oCto+85oC
-35
oCto+85oC
100
80
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
100
mA
INTERNAL
CIRCUIT
DIAGRAM
Fig. 2
Fig. 1
PACKAGE
DIMENSION
GREEN YELLOW
RED
ORANGE
UNIT
PARAMETER
HI.EFF.
RED
BRIGHT
RED
100
60
Operating Temperature Range
Storage Temperature Range
Power Dissipation Per Segment
Peak Forward Current Per Segment
( 1/10 Duty Cycle. ,0.1ms pulse width)
Reverse Voltage Per Segment
Continuous Forward Current Per Segment
Derating Linear From 25
oC Per Segment
PART NO.
UVS-6X60
UVS-6X80
DESCRIPTION
Common Anode
Common Cathode
Unity Opto Technology Co., Ltd.


Similar Part No. - UVS-6980E

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-312A UOT-UVS-312A Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-312AE UOT-UVS-312AE Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-312AG UOT-UVS-312AG Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-312AHR UOT-UVS-312AHR Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-312AP UOT-UVS-312AP Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
More results

Similar Description - UVS-6980E

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVC-5X23 UOT-UVC-5X23 Datasheet
72Kb / 5P
   0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVS-51X UOT-UVS-51X Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-5X01A UOT-UVS-5X01A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVD-6XX0 UOT-UVD-6XX0 Datasheet
71Kb / 5P
   0.56 inch ( 14.22 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVT-5X1 UOT-UVT-5X1 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Lite-On Technology Corp...
LTC-5723HR LITEON-LTC-5723HR Datasheet
408Kb / 7P
   0.56 inch (14.2 mm) DIGIT HEIGHT.
logo
Agilent(Hewlett-Packard...
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Fairchild Semiconductor
MAN6160E FAIRCHILD-MAN6160E Datasheet
269Kb / 7P
   0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com