Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6JU-2FS-Y Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6JU-2FS-Y
Description  Surface-mounting Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6JU-2FS-Y Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6JU-2FS-Y Datasheet HTML 1Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 2Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 3Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 4Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 5Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 6Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 7Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 8Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Surface-mounting Relay
G6J-Y
59
■ Characteristics
Note: 1. The contact resistance was measured with 10 mA at 1 VDC with a fall-of-potential method.
2. Values in parentheses are typical values unless otherwise stated.
3. The insulation resistance was measured with a 500-VDC Megger Tester applied to the same parts as those for checking the dielectric strength.
4. The above values are initial values.
Item
Standard non-latching relays
Single coil latching relays
G6J-2P-Y, G6J-2FS-Y, G6J-2FL-Y
G6JU-2P-Y, G6JU-2FS-Y, G6JU-2FL-Y
Contact resistance (See note 1)
100 m
Ω max.
Operating (set) time (See note 2)
3 ms max. (approx. 1.6 ms)
Release (reset) time (See note 2)
3 ms max. (approx. 1.0 ms)
3 ms max. (approx. 0.9 ms)
Minimum set/reset pulse width
---
10 ms min. (at 100% rated coil voltage)
Insulation resistance (See note 3)
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
1,500 VAC, 50/60 Hz for 1 min. between coil and contacts
1,000 VAC, 50/60 Hz for 1 min. between contacts of different polarity
750 VAC, 50/60 Hz for 1 min. between contacts of the same polarity
Surge withstand voltage
2,500 VAC, (2 x 10
μs) between coil and contacts
1,500 VAC, (10 x 160
μs) between contacts of the same and different polarity
Vibration
Mechanical durability
10 to 55 Hz, 5-mm double amplitude
Malfunction durability
10 to 55 Hz, 3.3-mm double amplitude
Shock
Mechanical durability
1,000 m/s2 (approx. 100G)
Malfunction durability
750 m/s2 (approx. 75G)
Service life
Mechanical
50,000,000 operations min. (at 36,000 operations/hour)
Electrical
100,000 operations min. (with a rated load at 1,800 operations/hour)
Ambient temperature
−40 to 85°C with no icing or condensation
Humidity
5% to 85% RH
Weight
Approx. 1.0 g


Similar Part No. - G6JU-2FS-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6JU-2FS-Y OMRON-G6JU-2FS-Y Datasheet
346Kb / 12P
   Surface-mounting Relay
G6JU-2FS-Y OMRON-G6JU-2FS-Y Datasheet
346Kb / 12P
   Surface-mounting Relay
G6JU-2FS-Y OMRON-G6JU-2FS-Y Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FS-Y OMRON-G6JU-2FS-Y Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FS-Y OMRON-G6JU-2FS-Y Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results

Similar Description - G6JU-2FS-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6J2FSYTRDC45 OMRON-G6J2FSYTRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
G6J-2FS-Y-TRDC45 OMRON-G6J-2FS-Y-TRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
G6J2PYDC12 OMRON-G6J2PYDC12 Datasheet
346Kb / 12P
   Surface-mounting Relay G6J-Y
logo
List of Unclassifed Man...
G6SU212DC ETC2-G6SU212DC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY-G6S
G6SU2F5DC ETC2-G6SU2F5DC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY - G6S
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
Tyco Electronics
V23154 MACOM-V23154 Datasheet
357Kb / 9P
   Cradle Relay Accessories and Mounting
logo
Shindengen Electric Mfg...
D1UBA80 SHINDENGEN-D1UBA80 Datasheet
418Kb / 4P
   Surface Mounting Device
logo
Lumins Inc.
SR400CD LUMINIS-SR400CD Datasheet
306Kb / 4P
   Ceiling surface mounting
logo
List of Unclassifed Man...
5406AD ETC1-5406AD Datasheet
770Kb / 5P
   Surface Mounting LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com