Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6K-2F-Y Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6K-2F-Y
Description  Low Signal Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K-2F-Y Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6K-2F-Y Datasheet HTML 1Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 2Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 3Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 4Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 5Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 6Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 7Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 8Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low Signal Relay
G6K
71
■ Approvals
UL Recognized (File No. E41515) / CSA Certified (File No. LR31928) - - Ambient Temp. = 40
°C
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Contact form
Coil rating
Contact ratings
Number of test operations
DPDT
3 to 24 VDC
1 A at 30 VDC (Resistive)
0.5 A at 60 VDC (Resistive)
0.3 A at 125 VAC (General Use)
6,000
Must Operate and Must Release
Time Distribution (See note.)
G6K-2G (F/P), G6K-2G (F/P)-Y
Sample: G6K-2G
Number of Relays:
50
Time (ms)
Sample: G6K-2G
Number of Relays: 50
After test
Must Operate and Must Release
Bounce Time Distribution (See note.)
G6K-2G (F/P) , G6K-2G (F/P)-Y
Vibration Resistance
G6K-2G (F/P), G6K-2G (F/P)-Y
Note: The tests were conducted at an ambient temperature of 23
°C.
Must operate
bounce time
Must operate voltage
Must release voltage
Time (ms)
Must release
bounce time
Must operate
Must release time
G6K-2F
Mounting Dimensions (Top View)
Terminal Arrangement/
Internal Connections
(Top View)
Orientation mark
Note: Each value has a tolerance of
±0.3 mm.
Tolerance:
±0.1 mm
G6K-2G
Mounting Dimensions (Top View)
Terminal Arrangement/
Internal Connections
(Top View)
Orientation mark
Note: Each value has a tolerance of
±0.3 mm.
Tolerance:
±0.1 mm
G6K-2P
Mounting Dimensions (Bottom View) Terminal Arrangement/
Internal Connections
(Bottom View)
Orientation mark
Note: Each value has a tolerance of
±0.3 mm.
Eight, 0.8-dia. holes
Tolerance:
±0.1 mm


Similar Part No. - G6K-2F-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2F-Y OMRON-G6K-2F-Y Datasheet
308Kb / 10P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
G6K-2F-Y OMRON-G6K-2F-Y Datasheet
1Mb / 10P
   Low Signal Relay
G6K-2F-Y OMRON-G6K-2F-Y Datasheet
1Mb / 10P
   Low Signal Relay
G6K-2F-Y OMRON-G6K-2F-Y Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
G6K-2F-Y-DC12 OMRON-G6K-2F-Y-DC12 Datasheet
1Mb / 10P
   Low Signal Relay
More results

Similar Description - G6K-2F-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com