Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5PS121621AFP-S6 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY5PS121621AFP-S6
Description  512Mb DDR2 SDRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS121621AFP-S6 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY5PS121621AFP-S6 Datasheet HTML 1Page - Hynix Semiconductor HY5PS121621AFP-S6 Datasheet HTML 2Page - Hynix Semiconductor HY5PS121621AFP-S6 Datasheet HTML 3Page - Hynix Semiconductor HY5PS121621AFP-S6 Datasheet HTML 4Page - Hynix Semiconductor HY5PS121621AFP-S6 Datasheet HTML 5Page - Hynix Semiconductor HY5PS121621AFP-S6 Datasheet HTML 6Page - Hynix Semiconductor HY5PS121621AFP-S6 Datasheet HTML 7Page - Hynix Semiconductor HY5PS121621AFP-S6 Datasheet HTML 8Page - Hynix Semiconductor HY5PS121621AFP-S6 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Rev. 0.2 / Mar. 2005
4
512Mb A-ver. DDR2 SDRAM
1. Description
1.1 Device Features & Ordering Information
1.1.1 Key Features
• VDD ,VDDQ =1.8 +/- 0.1V
• All inputs and outputs are compatible with SSTL_18 interface
• Fully differential clock inputs (CK, /CK) operation
• Double data rate interface
• Source synchronous-data transaction aligned to bidirectional data strobe (DQS, DQS)
• Differential Data Strobe (DQS, DQS)
• Data outputs on DQS, DQS edges when read (edged DQ)
• Data inputs on DQS centers when write(centered DQ)
• On chip DLL align DQ, DQS and DQS transition with CK transition
• DM mask write data-in at the both rising and falling edges of the data strobe
• All addresses and control inputs except data, data strobes and data masks latched on the rising edges of the clock
• Programmable CAS latency 3, 4, 5 and 6 supported
• Programmable additive latency 0, 1, 2, 3, 4 and 5 supported
• Programmable burst length 4/8 with both nibble sequential and interleave mode
• Internal four bank operations with single pulsed RAS
• Auto refresh and self refresh supported
• tRAS lockout supported
• 8K refresh cycles /64ms
• JEDEC standard 60ball FBGA(x4/x8) & 84ball FBGA(x16)
• Full strength driver option controlled by EMRS
• On Die Termination supported
• Off Chip Driver Impedance Adjustment supported
• Read Data Strobe suupported (x8 only)
• Self-Refresh High Temperature Entry
Preliminary
Ordering Information
Part No.
Organization
Package
HY5PS12421AF-X**
128Mx4
Leaded
HY5PS12821AF-X**
64Mx8
HY5PS121621AF-X*
32Mx16
HY5PS12421AFP-X*
128Mx4
Lead free**
HY5PS12821AFP-X*
64Mx8
HY5PS121621AFP-X*
32Mx16
Note:
1. -X* is the speed bin, refer to the Operation Fre quency
table for complete Part No.
2. Hynix Lead-free products are compliant to RoHS.
Operating Frequency
Speed Bin tCK(ns)
CL
tRCD
tRP
Unit
E3
53
3
3
Clk
C3
3.75
3
3
3
Clk
C4
3.75
4
4
4
Clk
Y4
34
4
4
Clk
Y5
35
5
5
Clk
S5
2.5
5
5
5
Clk
S6
2.5
6
6
6
Clk


Similar Part No. - HY5PS121621AFP-S6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS121621BFP-C4 HYNIX-HY5PS121621BFP-C4 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
HY5PS121621BFP-E3 HYNIX-HY5PS121621BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
HY5PS121621BFP-S5 HYNIX-HY5PS121621BFP-S5 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
HY5PS121621BFP-S6 HYNIX-HY5PS121621BFP-S6 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
HY5PS121621BFP-Y4 HYNIX-HY5PS121621BFP-Y4 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results

Similar Description - HY5PS121621AFP-S6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com