Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6KU-2F-RFDC3 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6KU-2F-RFDC3
Description  High Frequency Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6KU-2F-RFDC3 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6KU-2F-RFDC3 Datasheet HTML 1Page - Omron Electronics LLC G6KU-2F-RFDC3 Datasheet HTML 2Page - Omron Electronics LLC G6KU-2F-RFDC3 Datasheet HTML 3Page - Omron Electronics LLC G6KU-2F-RFDC3 Datasheet HTML 4Page - Omron Electronics LLC G6KU-2F-RFDC3 Datasheet HTML 5Page - Omron Electronics LLC G6KU-2F-RFDC3 Datasheet HTML 6Page - Omron Electronics LLC G6KU-2F-RFDC3 Datasheet HTML 7Page - Omron Electronics LLC G6KU-2F-RFDC3 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
High Frequency Relay
G6K-RF
321
High Frequency Relay
G6K-RF
Compact High Frequency Relays with
2 Form C (DPDT) Contacts
• New Space-saving version with smaller ground terminal
footprint is available. (“-S” versions)
• Handles 1 A, 30 VDC discrete load and 1 W at 1GHz.
• Single-coil latching models available.
• Ambient temperature range: -40
° to 70°C
• Low coil power consumption: 100 mW.
• Ideal for instrumentation and high-speed LAN network equipment.
• RoHS Compliant
Ordering Information
Note: The above listed models are packaged in trays of 300. They are also available in Tape and Reel packaging.
1. Place “-TR03” before the coil voltage to obtain Tape and Reel packaging, in quantities of 300 pieces per reel.
2. Place “-TR09” before the coil voltage to obtain Tape and Reel packaging, in quantities of 900 pieces per reel.
Examples: G6K-2F-RF-S-TR09 DC5
G6KU-2F-RF-TR03 DC12
3. “-TR03” and “-TR09” is only used to identify the tape quantity when ordering and is not marked on the product, itself.
Specifications
■ Contact Ratings
Note: This value is for a load with V.S.W.R.
1.2
PCB Footprint
Max.Load
Coil Voltage
Non-Latching part number
Single-coil latching part number
Standard ground
terminal
1 A at 30 VDC,
0.3 A at 125 VDC
3 VDC
G6K-2F-RF DC3
G6KU-2F-RF DC3
4.5 VDC
G6K-2F-RF DC4.5
G6KU-2F-RF DC4.5
5 VDC
G6K-2F-RF DC5
G6KU-2F-RF DC5
6 VDC
G6K-2F-RF DC6
G6KU-2F-RF DC6
9 VDC
G6K-2F-RF DC9
G6KU-2F-RF DC9
12 VDC
G6K-2F-RF DC12
G6KU-2F-RF DC12
24 VDC
G6K-2F-RF DC24
G6KU-2F-RF DC24
Space-saving
ground terminal
3 VDC
G6K-2F-RF-S DC3
G6KU-2F-RF-S DC3
4.5 VDC
G6K-2F-RF-S DC4.5
G6KU-2F-RF-S DC4.5
5 VDC
G6K-2F-RF-S DC5
G6KU-2F-RF-S DC5
6 VDC
G6K-2F-RF-S DC6
G6KU-2F-RF-S DC6
9 VDC
G6K-2F-RF-S DC9
G6KU-2F-RF-S DC9
12 VDC
G6K-2F-RF-S DC12
G6KU-2F-RF-S DC12
24 VDC
G6K-2F-RF-S DC24
G6KU-2F-RF-S DC24
Load
Resistive load
Contact Material
Au alloy on Ag base
Rated load
0.3 A at 125 VAC; 1 A at 30 VDC
1 W at 1 GHz (See note.)
Rated carry current
1 A
Max. switching voltage
125 VAC, 60 VDC
Max. switching current
1 A
Max. switching capacity
37.5 VA (AC); 30 W (DC)


Similar Part No. - G6KU-2F-RFDC3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6KU-2F-RF OMRON-G6KU-2F-RF Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
G6KU-2F-RF OMRON-G6KU-2F-RF Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
G6KU-2F-RF-S OMRON-G6KU-2F-RF-S Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
G6KU-2F-RF-S OMRON-G6KU-2F-RF-S Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
G6KU-2F-RF-T OMRON-G6KU-2F-RF-T Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
More results

Similar Description - G6KU-2F-RFDC3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Y OMRON-G6Y Datasheet
595Kb / 8P
   High Frequency Relay
G6W-1P OMRON-G6W-1P Datasheet
250Kb / 8P
   High-frequency Relay
G6W OMRON-G6W Datasheet
852Kb / 10P
   High-frequency Relay
G6Z OMRON-G6Z Datasheet
1Mb / 18P
   High-frequency Relay
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
   1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
logo
Vishay Siliconix
LH1514AAC VISHAY-LH1514AAC Datasheet
400Kb / 6P
   Solid State Relay High Frequency
Revision 17-August-01
logo
Nais(Matsushita Electri...
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Omron Electronics LLC
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com