Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G7L Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # G7L
Description  General Purpose Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button G7L Datasheet HTML 6Page - Omron Electronics LLC G7L Datasheet HTML 7Page - Omron Electronics LLC G7L Datasheet HTML 8Page - Omron Electronics LLC G7L Datasheet HTML 9Page - Omron Electronics LLC G7L Datasheet HTML 10Page - Omron Electronics LLC G7L Datasheet HTML 11Page - Omron Electronics LLC G7L Datasheet HTML 12Page - Omron Electronics LLC G7L Datasheet HTML 13Page - Omron Electronics LLC G7L Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
General Purpose Relay
G7L
315
■ Approvals
UL Recognized (File No. E41643) / CSA Certified (File No. LR35535) - - Ambient Temp. = 40
°C
Note: Contact Omron for actual ratings marked on G7L relays
TÜV (File No. R9251551)
VDE recognized type (Licence no. 1530 UG)
Note: 1. Please consult OMRON for details of VDE approvals.
2. The G7L relay conforms to the following standards:
Electrical safety: DIN IEC 255 Teil 1-00/DIN VDE 0435 Teil 201/05. 83
DIN VDE 0435 Teil 201 A1/05. 90
DIN IEC 255 Teil 0-20/DIN VDE 0435 Teil 120/10. 81
DIN EN 60 950/VDE 0805/11. 93
EMC:
prEN 50082-2, EN 55022
3. The rated values approved by each of the safety standards (e.g., UL and CSA) may be different from the performance characteristics
individually defined in this catalog.
4. In the interest of product improvement, specifications are subject to change.
5. Suffix T130 rated at 130
°C
6. Pollution degree 3, Material Group II & III.
Type
Contact form
Terminal type
Contact ratings
G7L-1A-T-CB
G7L-1A-TJ-CB
G7L-1A-TUB-CB
G7L-1A-TUBJ-CB
SPST-NO
Quick-connect
30 A, 277 VAC, General Use, 100,000 ops
1.5 kW, 120 VAC, Tungsten, 6,000 ops
1.5 HP, 120 VAC, 6,000 ops
3 HP, 277 VAC, 6,000 ops
20 FLA/120 LRA, 120 VAC, 30,000 ops
17 FLA/102 LRA, 265 VAC, 30,000 ops
TV-10, 120 VAC, 25,000 ops
G7L-1A-B-CB
G7L-1A-BJ-CB
G7L-1A-BUB-CB
G7L-1A-BUBJ-CB
Screw
G7L-1A-P-CB
PCB
G7L-2A-T-CB
G7L-2A-TJ-CB
G7L-2A-TUB-CB
G7L-2A-TUBJ-CB
DPST-NO
Quick-connect
G7L-2A-B-CB
G7L-2A-BJ-CB
G7L-2A-BUB-CB
G7L-2A-BUBJ-CB
Screw
G7L-2A-P-CB
PCB
Type
Contact form
Coil ratings
Terminal type
Contact ratings
G7L-1A-T-CB
G7L-1A-TJ-CB
G7L-1A-TUB-CB
G7L-1A-TUBJ-CB
SPST-NO
6, 12, 24, 48,
100, 110, 200,
220 VDC
Quick-connect
25 A, 240 VAC, (cos
φ = 1)
25 A, 240 VAC, (cos
φ = 0.4)
G7L-1A-B-CB
G7L-1A-BJ-CB
G7L-1A-BUB-CB
G7L-1A-BUBJ-CB
12, 24, 50,
100/120, 200/240
VAC
Screw
30 A, 240 VAC, (cos
φ = 1)
25 A, 240 VAC, (cos
φ = 0.4)
30 A, 240 VAC, (cos
φ = 0.4)
G7L-1A-P-CB
PCB
20 A, 240 VAC, (cos
φ = 1)
20 A, 240 VAC, (cos
φ = 0.4)
G7L-2A-T-CB
G7L-2A-TJ-CB
G7L-2A-TUB-CB
G7L-2A-TUBJ-CB
DPST-NO
Quick-connect
25 A, 240 VAC, (cos
φ = 1)
25 A, 240 VAC, (cos
φ = 0.4)
G7L-2A-B-CB
G7L-2A-BJ-CB
G7L-2A-BUB-CB
G7L-2A-BUBJ-CB
Screw
25 A, 240 VAC, (cos
φ = 1)
25 A, 240 VAC, (cos
φ = 0.4)
G7L-2A-P-CB
PCB
20 A, 240 VAC, (cos
φ = 1)
20 A, 240 VAC, (cos
φ = 0.4)


Similar Part No. - G7L

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7L-1A OMRON-G7L-1A Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L-1A-B OMRON-G7L-1A-B Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L-1A-B OMRON-G7L-1A-B Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L-1A-B-CB OMRON-G7L-1A-B-CB Datasheet
3Mb / 18P
   General Purpose Relay
G7L-1A-BJ OMRON-G7L-1A-BJ Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
More results

Similar Description - G7L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com