Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6ZK-1PE Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # G6ZK-1PE
Description  High-frequency Relay
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6ZK-1PE Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button G6ZK-1PE Datasheet HTML 7Page - Omron Electronics LLC G6ZK-1PE Datasheet HTML 8Page - Omron Electronics LLC G6ZK-1PE Datasheet HTML 9Page - Omron Electronics LLC G6ZK-1PE Datasheet HTML 10Page - Omron Electronics LLC G6ZK-1PE Datasheet HTML 11Page - Omron Electronics LLC G6ZK-1PE Datasheet HTML 12Page - Omron Electronics LLC G6ZK-1PE Datasheet HTML 13Page - Omron Electronics LLC G6ZK-1PE Datasheet HTML 14Page - Omron Electronics LLC G6ZK-1PE Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
High-frequency Relay
G6Z
351
35
4
14
12
13
10
8
1
7
9
+
14
12
13
10
8
1
7
9
+
S
+
R
5
7
34
G6Z-1F-A
8.3
2.3
7.62
15.24
2.54
Eleven, 1.1
Orientation mark
G6ZU-1F-A
Orientation mark
20
9.3
11-0.6
2.54
7.62
15.24
8.6
0.18
9.6
G6Z-1F-A
G6ZU-1F-A
Mounting Dimensions (Top View)
Tolerance:
±0.1 mm
Terminal Arrangement/Internal
Connections (Top View)
Note 1: Each value has a tolerance of
±0.3 mm.
2: The coplanarity of the terminals is 0.1 mm max.
0.2
(Coil
terminal)
11
14
12
13
10
8
1
7
6
9
S
− +
R
− +
20
9.3
7-0.6
2.54
7.62
15.24
8.6
0.18
9.6
3-0.4
8.3
2.3
0.8
0.8
15.24
7.62
2.54
0.8
Seven, 1.1
Orientation mark
G6ZK-1FE
Mounting Dimensions (Top View)
Tolerance:
±0.1 mm
Terminal Arrangement/Internal
Connections (Top View)
Note 1: Each value has a tolerance of
±0.3 mm.
2: The coplanarity of the terminals is 0.1 mm max.
0.2
(Coil
terminal)
11
14
12
13
10
8
1
7
6
9
S
− +
R
− +
8.3
2.3
15.24
7.62
2.54
Ten, 1.1
Orientation mark
20
9.3
Ten, 0.6
2.54
7.62
15.24
8.6
0.18
9.6
G6ZK-1FE-A
Mounting Dimensions (Top View)
Tolerance:
±0.1 mm
Terminal Arrangement/Internal
Connections (Top View)
Note 1: Each value has a tolerance of
±0.3 mm.
2: The coplanarity of the terminals is 0.1 mm max.
0.2
(Coil
terminal)


Similar Part No. - G6ZK-1PE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6ZK-1PE OMRON-G6ZK-1PE Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6ZK-1PE OMRON-G6ZK-1PE Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6ZK-1PE-A OMRON-G6ZK-1PE-A Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6ZK-1PE-A OMRON-G6ZK-1PE-A Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
More results

Similar Description - G6ZK-1PE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Y OMRON-G6Y Datasheet
595Kb / 8P
   High Frequency Relay
G6W-1P OMRON-G6W-1P Datasheet
250Kb / 8P
   High-frequency Relay
G6K-RF OMRON-G6K-RF Datasheet
468Kb / 8P
   High Frequency Relay
G6W OMRON-G6W Datasheet
852Kb / 10P
   High-frequency Relay
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
   1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
logo
Vishay Siliconix
LH1514AAC VISHAY-LH1514AAC Datasheet
400Kb / 6P
   Solid State Relay High Frequency
Revision 17-August-01
logo
Nais(Matsushita Electri...
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Omron Electronics LLC
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com