Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6KU-2F-RF-SDC6 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G6KU-2F-RF-SDC6
Description  High Frequency Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6KU-2F-RF-SDC6 Datasheet(HTML) 6 Page - Omron Electronics LLC

  G6KU-2F-RF-SDC6 Datasheet HTML 1Page - Omron Electronics LLC G6KU-2F-RF-SDC6 Datasheet HTML 2Page - Omron Electronics LLC G6KU-2F-RF-SDC6 Datasheet HTML 3Page - Omron Electronics LLC G6KU-2F-RF-SDC6 Datasheet HTML 4Page - Omron Electronics LLC G6KU-2F-RF-SDC6 Datasheet HTML 5Page - Omron Electronics LLC G6KU-2F-RF-SDC6 Datasheet HTML 6Page - Omron Electronics LLC G6KU-2F-RF-SDC6 Datasheet HTML 7Page - Omron Electronics LLC G6KU-2F-RF-SDC6 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
326
High Frequency Relay
G6K-RF
Precautions
■ Recommended Soldering Method
3. The thickness of cream solder to be applied should be between 200 and 250
μm and the land pattern should be based on Omron’s recommended
PCB pattern. To maintain the correct soldering joint shown in the following diagram, we recommend applying solder using the soldering conditions
shown above. Check the soldering in the actual mounting conditions prior to use.
■ Precautions for correct use
For general precautions, refer to Omron’s Relay Technical guidelines, contained in Omron’s relay catalog.
Relay Handling
Do not unpack the relay until ready to mount it. Use the relay as soon as
possible after opening the moisture-proof bag. Otherwise, the terminals
may tarnish and seal failure may occur after the solder process.
When washing the product after soldering, use a water-based or
alcohol-based solvent. Keep the solvent temperature below 40
°C.
Do not put the relay in a cold cleaning bath immediately after soldering.
Operating, Storage Environment
If the relay is stored for a long time in an adverse environment with high
temperature, high humidity, organic or sulfide gases, then sulfide or
oxide films will form on the contact surfaces. These films may result in
unstable contact, contact problems or function problems. Therefore,
operate, store or transport the product under specified environmental
conditions.
1. Use in locations where the relay is not exposed to corrosive
gas such as hydrogen sulfide gas or salty air.
2. Use in locations where no visible dust exists.
3. Use in locations where the product is not exposed to direct
sunlight, rain or snow.
4. Do not apply force to the product which may result in deformation
or change in quality of the product.
Coating
The relay mounted on the PCB may be coated or washed, but do not
apply silicone coating or detergent containing silicone, otherwise, the
silicone coating or detergent may remain on the surface of the relay.
Latching Relay Mounting
Make sure that excess vibration or shock doesn’t set or reset the
relay during normal operation. The relay is shipped in the ‘reset’
position. Shock or vibration during shipping may require the application
of a reset signal, prior to operation.
Claw Securing Force During Automatic Mounting
During automatic insertion of relays, make sure to set the securing
force of each claw to the following so that the relay’s characteristics
will be maintained.
Maximum Allowable Voltage
The maximum allowable voltage of the coil can be obtained from the
coil temperature increase and the heat-resisting temperature of the
coil insulating sheath material. (Exceeding the heat-resisting tem-
perature may result in burning or short-circuiting.) The maximum
allowable voltage also involves important restrictions which include
the following;
• Must not cause thermal changes in or deterioration of the insulating
material, which may result in films developing on the contacts.
• Must not cause damage to other control devices.
• Must not cause any harmful effect on people.
• Must not cause fire.
Therefore, be sure to use the maximum allowable voltage as specified in
the catalog. As a rule, the rated voltage must be applied to the coil. A
voltage exceeding the rated value, however, can be applied to the coil
providing that the voltage is less than or equal to the maximum allowable
voltage. It must be noted that continuous voltage application to the coil
will cause a coil temperature increase which may affect characteristics
such as electrical life and coil insulation.
Consider using a latching relay instead of a non-latching relay with a
continuous voltage applied to the coil.
1. Temperature Profile for Lead Solder (Measured at the PCB)
2. Temperature Profile for Lead-free Solder (Measured at the PCB)
220 to
245
180 to
200
150
Soldering
Preheating
Time (s)
90 to 120
20 to 30
Relay terminal
section
250 max.
230
180
150
120 max.
30 max.
Case top panel
(peak): 255
°C max.
Soldering
Preheating
Time (s)
Relay
Solder
Insufficient
amount of
solder
Excessive
amount of
solder
Terminal
PCB
Land
A
C
B
Direction A: 1.96 N max.
Direction B: 4.90 N max.
Direction C: 1.96 N max.
Secure the claws to the shaded area. Do not
attach them to the center of the relay or just
one part of the relay.


Similar Part No. - G6KU-2F-RF-SDC6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6KU-2F-RF-S OMRON-G6KU-2F-RF-S Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
G6KU-2F-RF-S OMRON-G6KU-2F-RF-S Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
More results

Similar Description - G6KU-2F-RF-SDC6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Y OMRON-G6Y Datasheet
595Kb / 8P
   High Frequency Relay
G6W-1P OMRON-G6W-1P Datasheet
250Kb / 8P
   High-frequency Relay
G6W OMRON-G6W Datasheet
852Kb / 10P
   High-frequency Relay
G6Z OMRON-G6Z Datasheet
1Mb / 18P
   High-frequency Relay
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
   1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
logo
Vishay Siliconix
LH1514AAC VISHAY-LH1514AAC Datasheet
400Kb / 6P
   Solid State Relay High Frequency
Revision 17-August-01
logo
Nais(Matsushita Electri...
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Omron Electronics LLC
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com