Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G7Z-2A2B-02Z Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G7Z-2A2B-02Z
Description  Power Relays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7Z-2A2B-02Z Datasheet(HTML) 3 Page - Omron Electronics LLC

  G7Z-2A2B-02Z Datasheet HTML 1Page - Omron Electronics LLC G7Z-2A2B-02Z Datasheet HTML 2Page - Omron Electronics LLC G7Z-2A2B-02Z Datasheet HTML 3Page - Omron Electronics LLC G7Z-2A2B-02Z Datasheet HTML 4Page - Omron Electronics LLC G7Z-2A2B-02Z Datasheet HTML 5Page - Omron Electronics LLC G7Z-2A2B-02Z Datasheet HTML 6Page - Omron Electronics LLC G7Z-2A2B-02Z Datasheet HTML 7Page - Omron Electronics LLC G7Z-2A2B-02Z Datasheet HTML 8Page - Omron Electronics LLC G7Z-2A2B-02Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Power Relays
G7Z
331
■ Characteristics
Note: 1. The above values are initial values.
2. The contact resistance for the Relay (G7Z) was measured with 1 A at 5 VDC using the voltage drop method.
The contact resistance for the auxiliary contact block (G73Z) was measured with 0.1 A at 5 VDC using the voltage drop method.
3. The operate time was measured with the rated voltage imposed with any contact bounce ignored at the ambient temperature of 23
°C.
4. The insulation resistance was measured with a 1,000-VDC megohmmeter applied to the same places as those used for checking the
dielectric strength.
5. The electrical endurance was measured at an ambient temperature of 23
°C.
6. The specifications for the auxiliary contact block mounted on the G7Z are the same as those for the G73Z auxiliary contact block.
Classification
Relay (See note 6.)
Auxiliary contact block
Item
Model G7Z-4A-
@Z, G7Z-3A1B-@Z, G7Z-2A2B-@Z
G73Z-20Z, G73Z-11Z, G73Z-02Z
Contact resistance (See note 2.)
100 m
Ω max.
Operating time (See note 3.)
50 ms max.
Release time (See note 3.)
50 ms max.
Maximum operating
frequency
Mechanical
1,800 operations/h
Rated load
1,200 operations/h
Insulation resistance (See note 4.)
1,000 M
Ω min.
Dielectric strength
Between coil and contacts
4,000 VAC, 50/60 Hz for 1 min
Between contacts of different polarity
4,000 VAC, 50/60 Hz for 1 min
Between contacts of the same polarity 2,000 VAC, 50/60 Hz for 1 min
Impulse withstand
voltage
Between coil and contacts
10 kV, 1.2 x 50
μs
Between contacts of different polarity
10 kV, 1.2 x 50
μs
Between contacts of the same polarity 4.5 kV, 1.2 x 50
μs
Vibration resistance Destruction
10 to 55 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
Malfunction
NO: 10 to 55 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
NC: 10 to 32 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
Shock resistance
Destruction
Screw mounting: 800 m/s2, DIN Track mounting: 500 m/s2
Malfunction
NO: 100 m/s2
NO: 25 m/s2
Endurance
Mechanical
1,000,000 operations min. (at 1,800 operations/h, contact no load)
Electrical (See note 5.)
AC resistive load: 80,000 operations
AC inductive load: 80,000 operations
DC resistive load: 100,000 operations (at 1,200 operations/h, rated load)
Minimum load
2 A at 24 VDC
1 mA at 5 VDC
Ambient operating temperature
-25 to 60
°C (with no icing or condensation)
Ambient operating humidity
5% to 85%
Weight
Approx. 330 g


Similar Part No. - G7Z-2A2B-02Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7Z-2A2B-02Z OMRON-G7Z-2A2B-02Z Datasheet
1Mb / 9P
   Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
More results

Similar Description - G7Z-2A2B-02Z

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
   PCB Power Relays
HM4100F ETC1-HM4100F Datasheet
86Kb / 2P
   Subminiature power relays
logo
Omron Electronics LLC
G9KA OMRON-G9KA Datasheet
225Kb / 5P
   PCB Power Relays
0722/0221
logo
List of Unclassifed Man...
HRS4E ETC2-HRS4E_1 Datasheet
174Kb / 4P
   PCB Power Relays
HRS4 ETC2-HRS4 Datasheet
168Kb / 4P
   PCB Power Relays
logo
Panasonic Semiconductor
JC2AF-DC24V PANASONIC-JC2AF-DC24V Datasheet
168Kb / 5P
   COMPACT POWER RELAYS
logo
Omron Electronics LLC
G6QE OMRON-G6QE Datasheet
180Kb / 4P
   PCB Power Relays
0219/0718
G9KB OMRON-G9KB Datasheet
225Kb / 5P
   PCB Power Relays
0222
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com