Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8N-1C Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G8N-1C
Description  Ultra-Miniature Automotive PCB Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8N-1C Datasheet(HTML) 4 Page - Omron Electronics LLC

  G8N-1C Datasheet HTML 1Page - Omron Electronics LLC G8N-1C Datasheet HTML 2Page - Omron Electronics LLC G8N-1C Datasheet HTML 3Page - Omron Electronics LLC G8N-1C Datasheet HTML 4Page - Omron Electronics LLC G8N-1C Datasheet HTML 5Page - Omron Electronics LLC G8N-1C Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Ultra-Miniature Automotive PCB Relay
G8N-1
Dimensions
Note: G8N-1C type has 1.9+0.3mm (not 3.5
+0.3mm) terminals for pin in paste solder process.
■ Tube Packaging
80 relays per tube, 30 tubes per box (2400 relays per box).
Note: 1. For additional information, please contact Omron.
2. Prior to receipt of order, specifications subject to change without notice.
3. This specification sheet is intended to be a guideline for application of this product. The information contained
is believed to be correct. However, it is impossible for Omron to evaluate every possible use. It is the user’s
responsibility to determine product suitability in any application.
4. Omron can meet some special performance characteristics upon request.
5. All data at 20
° C unless otherwise noted.
6. If several relays are to be mounted on a single PCB, they must be given at least 3 mm clearance on all sides.
18.5 mm ref.
600.0 mm ref.


Similar Part No. - G8N-1C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8N-1C OMRON-G8N-1C Datasheet
251Kb / 6P
   Ultra-Miniature Automotive PCB Relay
More results

Similar Description - G8N-1C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG60 WILLOW-DG60 Datasheet
444Kb / 3P
   ultra miniature pcb automotive relay
DG20 WILLOW-DG20 Datasheet
215Kb / 2P
   ultra miniature automotive pcb relay
logo
Omron Electronics LLC
G8N1 OMRON-G8N1 Datasheet
139Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG27 WILLOW-DG27 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
logo
Omron Electronics LLC
G8N1HDC12SK OMRON-G8N1HDC12SK Datasheet
251Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8ND-2 OMRON-G8ND-2 Datasheet
542Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
List of Unclassifed Man...
G8ND ETC-G8ND Datasheet
170Kb / 6P
   Ultra-Miniature Automotive Dual PCB Relay G8ND2
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com