Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8P-1C4P Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G8P-1C4P
Description  Power PCB Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8P-1C4P Datasheet(HTML) 5 Page - Omron Electronics LLC

  G8P-1C4P Datasheet HTML 1Page - Omron Electronics LLC G8P-1C4P Datasheet HTML 2Page - Omron Electronics LLC G8P-1C4P Datasheet HTML 3Page - Omron Electronics LLC G8P-1C4P Datasheet HTML 4Page - Omron Electronics LLC G8P-1C4P Datasheet HTML 5Page - Omron Electronics LLC G8P-1C4P Datasheet HTML 6Page - Omron Electronics LLC G8P-1C4P Datasheet HTML 7Page - Omron Electronics LLC G8P-1C4P Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Power PCB Relay
G8PT
229
Unit: mm (inch)
Note: Allow air circulation within the sealed type G8PT by removing the ventilation nib from the cover after soldering and cleaning is complete.
Note: Terminal #4 is omitted
on SPST-NO version.
Sealed/Ventable, PCB with Quick Connect
terminals
Terminal arrangement/
Internal connections
(Bottom view)
Mounting holes
(Bottom view)
Pin Dimensions
large = 1.6 x 1.2; 1.2 x 0.8 x 3.3L
small = 0.6 x 0.5 x 3.3L
Flange mount
Terminal arrangement/
Internal connections
(Bottom view)
Mounting holes
(Bottom view)
Note: Terminal #4 is omitted
on SPST-NO version.


Similar Part No. - G8P-1C4P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8P-1C4P OMRON-G8P-1C4P Datasheet
933Kb / 6P
   Compact, Low-cost 30-A Power Relay for PC Board or Panel-mounted Applications
G8P-1C4P OMRON-G8P-1C4P Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
G8P-1C4P OMRON-G8P-1C4P Datasheet
933Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
More results

Similar Description - G8P-1C4P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com