Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8QW-2C4-12V Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8QW-2C4-12V
Description  Miniature Automotive PCB Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8QW-2C4-12V Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8QW-2C4-12V Datasheet HTML 1Page - Omron Electronics LLC G8QW-2C4-12V Datasheet HTML 2Page - Omron Electronics LLC G8QW-2C4-12V Datasheet HTML 3Page - Omron Electronics LLC G8QW-2C4-12V Datasheet HTML 4Page - Omron Electronics LLC G8QW-2C4-12V Datasheet HTML 5Page - Omron Electronics LLC G8QW-2C4-12V Datasheet HTML 6Page - Omron Electronics LLC G8QW-2C4-12V Datasheet HTML 7Page - Omron Electronics LLC G8QW-2C4-12V Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Miniature Automotive PCB Relay
G8QN/G8QW
Characteristics
Note: External coil suppression will cause a measurable increase in release times and may cause the
relay’s characteristic to fall out of the specifications given here.
Characteristics Reference Data
■ Durability Test Data
G8QN
G8QW
Max. initial contact voltage drop/resistance
250 mV @ 10 A/25 m
Ω @ 1 A
Operate time
10 ms max. (3.5 ms typical) @ 12 VDC
Release time
5 ms max. (1.5 ms typical) (see Note)
Bounce time
Operate
5 ms max. (0.5 ms typical)
Release
5 ms max. (1.0 ms typical)
Switching frequency
Mechanical
18,000 operations per hour
Insulation resistance
100 M
Ω min. at 500 VDC
Dielectric strength
1.0 mA max leakage at 440 VAC/60 Hz for 1 minute between coil & contacts and
between NO & NC contacts
Vibration
Mechanical durability
10-500 Hz, 5 G, 1.5 mm total amplitude
Malfunction durability
10-500 Hz, 5 G, 1.5 mm total amplitude
Shock
Mechanical durability
100 G half sine 6 ms duration (980 m/s2)
Malfunction durability
100 G half sine 6 ms duration (980 m/s2)
Operating ambient temperature range
-40°C to 85°C (105°C for high temp type)
Humidity
35% to 85% RH
Service life
Mechanical
1,000,000 operations min.
Electrical
100,000 operations min. (load dependant)
Mass
5.9 g (approx.)
11 g (approx.)
Relay
Load type
Current
Cycles tested
G8QN &
G8QW
Door lock motor
18 - 20 A inrush
200,000
Power window motor (locked)
34 A
200,000
Power window motor (locked)
23 A
200,000
Sun roof motor (free)
27 A inrush
3 A steady state
-19 A breaking current
100,000
Horn load
14 A
200,000


Similar Part No. - G8QW-2C4-12V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8QW-2C4-12V OMRON-G8QW-2C4-12V Datasheet
547Kb / 9P
   Miniature Automotive PCB Relay G8QN/G8QW
More results

Similar Description - G8QW-2C4-12V

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
SARG SANYOU-SARG Datasheet
212Kb / 3P
   Miniature PCB Automotive Relay
SARA SANYOU-SARA Datasheet
88Kb / 3P
   Miniature PCB Automotive Relay
SARD SANYOU-SARD Datasheet
210Kb / 3P
   Miniature PCB Automotive Relay
logo
Omron Electronics LLC
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG60 WILLOW-DG60 Datasheet
444Kb / 3P
   ultra miniature pcb automotive relay
logo
List of Unclassifed Man...
G8QN ETC-G8QN Datasheet
37Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
DB Lectro Inc
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
   Automotive Miniature PCB Power Relay
logo
List of Unclassifed Man...
HG4119 ETC1-HG4119 Datasheet
169Kb / 2P
   Automotive Miniature PCB Power Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com