Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9EA-1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G9EA-1
Description  DC Power Relays (60-A, 100-A Models)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9EA-1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G9EA-1 Datasheet HTML 1Page - Omron Electronics LLC G9EA-1 Datasheet HTML 2Page - Omron Electronics LLC G9EA-1 Datasheet HTML 3Page - Omron Electronics LLC G9EA-1 Datasheet HTML 4Page - Omron Electronics LLC G9EA-1 Datasheet HTML 5Page - Omron Electronics LLC G9EA-1 Datasheet HTML 6Page - Omron Electronics LLC G9EA-1 Datasheet HTML 7Page - Omron Electronics LLC G9EA-1 Datasheet HTML 8Page - Omron Electronics LLC G9EA-1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
DC Power Relays (60-A, 100-A Models)
G9EA-1
Specifications
■ Ratings
Coil
Note: 1. The figures for the rated current and coil resistance are for a coil temperature of 23
°C and have a tolerance of ±10%.
2. The figures for the operating characteristics are for a coil temperature of 23
°C.
3. The figure for the maximum voltage is the maximum voltage that can be applied to the relay coil for period of 10 minutes at an ambient
temperature of 23
°C. It does not apply to continuous operation.
Contacts
■ Characteristics
Note: 1. The above values are initial values at an ambient temperature of 23
°C unless otherwise specified.
2. The contact resistance was measured with 1 A at 5 VDC using the voltage drop method.
3. The insulation resistance was measured with a 500-VDC megohmmeter.
4. The impulse withstand voltage was measured with a JEC-212 (1981) standard impulse voltage waveform (1.2
× 50 μs).
5. The mechanical endurance was measured at a switching frequency of 3,600 operations/hr.
6. The electrical endurance was measured at a switching frequency of 60 operations/hr.
Rated voltage
Rated current
Coil resistance
Must-operate
voltage
Must-release
voltage
Maximum voltage
(See note 3.)
Power
consumption
12 VDC
417 mA
28.8
Ω
75% max. of rated
voltage
8% min. of rated
voltage
130% of rated volt-
age
Approx. 5 W
24 VDC
208 mA
115.2
Ω
48 VDC
102 mA
469.3
Ω
60 VDC
86.2 mA
695.7
Ω
Approx. 5.2 W
100 VDC
53.6 mA
1,864
Ω
Approx. 5.4 W
Item
Resistive load
G9EA-1(-B)
G9EA-1(-B)-CA
Rated load
60 A at 400 VDC, 100 A at 120 VDC
30 A at 400 VDC
Rated carry current
60 A
100 A
Maximum switching voltage
400 V
400 V
Maximum switching current
100 A
30 A
Item
G9EA-1(-B)
G9EA-1(-B)-CA
Contact resistance (See note 2.)
30 m
Ω max. (0.6 mΩ typical)
10 m
Ω max. (0.3 mΩ typical)
Contact voltage drop
0.1 V max.
(for a carry current of 60 A)
0.1 V max.
(for a carry current of 100 A)
Operate time
50 ms max.
Release time
30 ms max.
Insulation resistance
(See note 3.)
Between coil and contacts
1,000 M
Ω min.
Between contacts of the same
polarity
1,000 M
Ω min.
Dielectric strength
Between coil and contacts
2,500 VAC, 1 min
Between contacts of the same
polarity
2,500 VAC, 1 min
Impulse withstand voltage (See note 4.)
4,500 V
Vibration resistance
Destruction
10 to 55 to 10 Hz, 0.75-mm single amplitude (Acceleration: 2.94 to 88.9 m/s2)
Malfunction
10 to 55 to 10 Hz, 0.75-mm single amplitude (Acceleration: 2.94 to 88.9 m/s2)
Shock resistance
Destruction
490 m/s2
Malfunction
196 m/s2
Mechanical endurance (See note 5.)
200,000 ops. min.
Electrical endurance (See note 6.)
120 VDC, 100 A, 3,000 ops. min.
400 VDC, 30 A, 1,000 ops. min.
400 VDC, 60 A, 3,000 ops. min.
120 VDC, 30 A, 2,500 ops. min.
400 VDC, 30 A, 30,000 ops. min.
Short-time carry current
100 A (10 min)
150 A (10 min)
Maximum interruption current
600 A at 300 VDC (5 times)
Overload interruption
180 A at 400 VDC (100 times min.)
100 A at 120 VDC (150 times min.)
Reverse polarity interruption
–60 A at 200 VDC (1,000 times min.)
Ambient operating temperature
–40 to 70
°C (with no icing or condensation)
Ambient operating humidity
5% to 85%
Weight
Approx. 310 g


Similar Part No. - G9EA-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays Capable of Interrupting High voltage
G9EA-1-B OMRON-G9EA-1-B Datasheet
445Kb / 10P
   DC Power Relays Capable of Interrupting High voltage
G9EA-1-B-CA OMRON-G9EA-1-B-CA Datasheet
445Kb / 10P
   DC Power Relays Capable of Interrupting High voltage
G9EA-1-CA OMRON-G9EA-1-CA Datasheet
445Kb / 10P
   DC Power Relays Capable of Interrupting High voltage
More results

Similar Description - G9EA-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9EB-1 OMRON-G9EB-1 Datasheet
247Kb / 8P
   DC Power Relays (25-A Models)
G9EC-1 OMRON-G9EC-1 Datasheet
421Kb / 10P
   DC Power Relays (200-A Models)
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
logo
Schneider Electric
LR9D5567 SCHNEIDER-LR9D5567_V01 Datasheet
150Kb / 3P
   TeSys Deca thermal overload relays - 60...100 A - class 20
May 25, 2022
LR9D5367 SCHNEIDER-LR9D5367_V01 Datasheet
150Kb / 3P
   TeSys Deca thermal overload relays - 60...100 A - class 10
May 25, 2022
LR9D5367 SCHNEIDER-LR9D5367 Datasheet
137Kb / 3P
   TeSys LRD thermal overload relays - 60...100 A - class 10
LR9D5567 SCHNEIDER-LR9D5567 Datasheet
137Kb / 3P
   TeSys LRD thermal overload relays - 60...100 A - class 20
logo
Omron Electronics LLC
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com