Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9EB-1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G9EB-1
Description  DC Power Relays (25-A Models)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9EB-1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  G9EB-1 Datasheet HTML 1Page - Omron Electronics LLC G9EB-1 Datasheet HTML 2Page - Omron Electronics LLC G9EB-1 Datasheet HTML 3Page - Omron Electronics LLC G9EB-1 Datasheet HTML 4Page - Omron Electronics LLC G9EB-1 Datasheet HTML 5Page - Omron Electronics LLC G9EB-1 Datasheet HTML 6Page - Omron Electronics LLC G9EB-1 Datasheet HTML 7Page - Omron Electronics LLC G9EB-1 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DC Power Relays (25-A Models)
G9EB-1
Frequency (Hz)
Vibration Malfunction
Z'
Y'
X'
Start
After test
Vibration Resistance
Shock Malfunction
Shock Resistance
Energized
Deenergized
Start
After test
The value at which malfunction occurred was
measured after applying shock to the test piece
3 times each in 6 directions along 3 axes.
Characteristics were measured after applying a shock
of 490 m2/s to the test piece 3 times each in 6 directions
along 3 axes
. The percentage rate of change is the
average value for all of the samples.
Characteristics were measured after applying vibration
at a frequency of 10 to 55 Hz (single amplitude of 0.75
mm) to the test piece (not energized) for 2 hours each
in 3 directions. The percentage rate of change is the
average value for all of the samples
Y'
X'
Z'
Sample: G9EB-1-B 12 VDC
Number: 5
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
110
30
50
5
3
100
Unconfirmed area
Confirmed area
5.0
4.0
3.0
2.0
1.0
0.0
−1.0
−2.0
−3.0
−4.0
−5.0
Sample: G9EB-1-B 12 VDC
Number: 5
Must-operate voltage
Must-release voltage
0
Z
Y
X
200
200
150
100
50
50
100
150
Unit: m/s
2
Sample: G9EB-1-B
12 VDC
Number: 5
G9
EB
-1-
B
12
VD
C
MA
DE
IN
JA
PA
N
CO
NT
AC
T:
25
A
25
0V
DC
Lo
t N
o.
04
24
Y1
-00
01
2
43
1
Y
X
Z
5.0
4.0
3.0
2.0
1.0
0.0
−1.0
−2.0
−3.0
−4.0
−5.0
Sample: G9EB-1-B 12 VDC
Number: 5
Must-operate voltage
Must-release voltage


Similar Part No. - G9EB-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays Capable of Interrupting High voltage
G9EA-1-B OMRON-G9EA-1-B Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
G9EA-1-B OMRON-G9EA-1-B Datasheet
445Kb / 10P
   DC Power Relays Capable of Interrupting High voltage
G9EA-1-B-CA OMRON-G9EA-1-B-CA Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
More results

Similar Description - G9EB-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9EC-1 OMRON-G9EC-1 Datasheet
421Kb / 10P
   DC Power Relays (200-A Models)
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
G3NA-6 OMRON-G3NA-6 Datasheet
987Kb / 14P
   Solid State Relays (600 VAC Models)
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
logo
Tyco Electronics
187 MACOM-187 Datasheet
194Kb / 3P
   20-25 Amp Power Relays
logo
Omron Electronics LLC
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G9EN-1 OMRON-G9EN-1 Datasheet
1,023Kb / 6P
   DC Power Relays (60A Model)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com