Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9EC-1-B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G9EC-1-B
Description  DC Power Relays (200-A Models)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9EC-1-B Datasheet(HTML) 3 Page - Omron Electronics LLC

  G9EC-1-B Datasheet HTML 1Page - Omron Electronics LLC G9EC-1-B Datasheet HTML 2Page - Omron Electronics LLC G9EC-1-B Datasheet HTML 3Page - Omron Electronics LLC G9EC-1-B Datasheet HTML 4Page - Omron Electronics LLC G9EC-1-B Datasheet HTML 5Page - Omron Electronics LLC G9EC-1-B Datasheet HTML 6Page - Omron Electronics LLC G9EC-1-B Datasheet HTML 7Page - Omron Electronics LLC G9EC-1-B Datasheet HTML 8Page - Omron Electronics LLC G9EC-1-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DC Power Relays (200-A Models)
G9EC-1
3
Engineering Data
■ G9EC-1(-B) Switching/Current Conduction Models
30
25
20
15
10
5
0
10
20
30
40
50
60
70
80
Carry current (A)
Carry Current vs Energizing
Time
30
25
20
15
10
5
0
0.0
2.0
4.0
6.0
8.0
10.0 12.0
16.0
14.0
18.0
1,000
500
300
100
50
30
10
5
3
1
0.5
0.3
0.1
30
50
10
100
300
500 1,000
Switching voltage (V)
Electrical Endurance
(Switching Performance)
Switching 400-VDC resistive
load (positive direction)
Switching current (A)
Electrical Endurance
(Interruption Performance)
Switching current (A)
Maximum Switching
Capacity
Release time
Percentage of rated voltage (%)
Time (ms)
Must-operate voltage
Must-release voltage
Sample: G9EC-1
Number: 35
Operate time
Must-operate Voltage and
Must-release Voltage
Distributions
Time Characteristic
Distributions
DC resistive load
30
50
10
100
300
500 1,000
10
5
3
1
0.5
0.3
0.1
0.05
0.03
0.01
100
50
10
1,000
500
10,000
1,000
500
300
100
50
30
10
5
3
1
Switching
400-VDC
resistive load
(positive direction)
Interrupting
400-VDC
resistive load
(positive direction)
100
300
500
700 1,000
100,000
10,000
1,000
100
10
Sample: G9EC-1
Number: 32


Similar Part No. - G9EC-1-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays Capable of Interrupting High voltage
G9EA-1-B OMRON-G9EA-1-B Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
G9EA-1-B OMRON-G9EA-1-B Datasheet
445Kb / 10P
   DC Power Relays Capable of Interrupting High voltage
G9EA-1-B-CA OMRON-G9EA-1-B-CA Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
More results

Similar Description - G9EC-1-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9EB-1 OMRON-G9EB-1 Datasheet
247Kb / 8P
   DC Power Relays (25-A Models)
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
G3NA-6 OMRON-G3NA-6 Datasheet
987Kb / 14P
   Solid State Relays (600 VAC Models)
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
logo
List of Unclassifed Man...
SDS1000X-E ETC1-SDS1000X-E Datasheet
1Mb / 20P
   100 MHz, 200 MHz bandwidth models
logo
Omron Electronics LLC
G9EN-1 OMRON-G9EN-1 Datasheet
1,023Kb / 6P
   DC Power Relays (60A Model)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com