Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9YA-12S-45-D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G9YA-12S-45-D
Description  Coaxial Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9YA-12S-45-D Datasheet(HTML) 2 Page - Omron Electronics LLC

  G9YA-12S-45-D Datasheet HTML 1Page - Omron Electronics LLC G9YA-12S-45-D Datasheet HTML 2Page - Omron Electronics LLC G9YA-12S-45-D Datasheet HTML 3Page - Omron Electronics LLC G9YA-12S-45-D Datasheet HTML 4Page - Omron Electronics LLC G9YA-12S-45-D Datasheet HTML 5Page - Omron Electronics LLC G9YA-12S-45-D Datasheet HTML 6Page - Omron Electronics LLC G9YA-12S-45-D Datasheet HTML 7Page - Omron Electronics LLC G9YA-12S-45-D Datasheet HTML 8Page - Omron Electronics LLC G9YA-12S-45-D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
358
Coaxial Switch
G9YA
■ List of Models
Standard SPDT Models with Soldering Terminals
Standard SPDT Models with Pin Terminals
Standard SPDT Models with Connector Cables
Note: Versions with 18-GHz operation are available. Replace "-45" with "-35" when ordering.
-- Example: Order G9YA-12S-35-PND DC12 instead of G9YA-12S-45-PND DC12.
Classification
Indicator terminals Data package
Rated coil voltage
Minimum packaging unit
Model
Failsafe
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YA-12S-45
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-D
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-N
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-ND
Dual coil
latching
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YAK-12S-45
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-D
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-N
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-ND
TTL-driven dual
coil latching
(with self cut-off
function)
No
No
5, 12, 15, and 24 VDC
One per box
G9YAT-12S-45
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-D
Yes
No
5, 12, 15, and 24 VDC
G9YAT-12S-45-N
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-ND
Classification
Indicator terminals Data package
Rated coil voltage
Minimum packaging unit
Model
Failsafe
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YA-12S-45-P
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-PD
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-PN
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-PND
Dual coil
latching
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YAK-12S-45-P
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-PD
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-PN
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-PND
TTL-driven dual
coil latching
(with self cut-off
function)
No
No
5, 12, 15, and 24 VDC
One per box
G9YAT-12S-45-P
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-PD
Yes
No
5, 12, 15, and 24 VDC
G9YAT-12S-45-PN
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-PND
Classification
Indicator terminals Data package
Rated coil voltage
Minimum packaging unit
Model
Failsafe
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YA-12S-45-C
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-CD
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-CN
Yes
4.5, 12, 15, 24, and 28 VDC
G9YA-12S-45-CND
Dual coil
latching
No
No
4.5, 12, 15, 24, and 28 VDC One per box
G9YAK-12S-45-C
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-CD
Yes
No
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-CN
Yes
4.5, 12, 15, 24, and 28 VDC
G9YAK-12S-45-CND
TTL-driven dual
coil latching
(with self cut-off
function)
No
No
5, 12, 15, and 24 VDC
One per box
G9YAT-12S-45-C
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-CD
Yes
No
5, 12, 15, and 24 VDC
G9YAT-12S-45-CN
Yes
5, 12, 15, and 24 VDC
G9YAT-12S-45-CND


Similar Part No. - G9YA-12S-45-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9YA-12S-45-D OMRON-G9YA-12S-45-D Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
G9YA-12S-45-D OMRON-G9YA-12S-45-D Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
More results

Similar Description - G9YA-12S-45-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
CCT-59S TELEDYNE-CCT-59S Datasheet
876Kb / 13P
   Latching Coaxial Switch
CT-39S TELEDYNE-CT-39S Datasheet
867Kb / 13P
   Latching Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com