Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9YAT-12S-45-D Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G9YAT-12S-45-D
Description  Coaxial Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9YAT-12S-45-D Datasheet(HTML) 1 Page - Omron Electronics LLC

  G9YAT-12S-45-D Datasheet HTML 1Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 2Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 3Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 4Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 5Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 6Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 7Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 8Page - Omron Electronics LLC G9YAT-12S-45-D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Coaxial Switch
G9YA
357
Coaxial Switch
G9YA
High-frequency, High-capacity Coaxial
Switch Supporting Bandwidths to 26.5 GHz
• Isolation of 60 dB min., insertion loss of 0.8 dB max., and
V.S.W.R. of 1.7 max. at 26.5 GHz (50
Ω).
• Contact carry power of 120 W at 3 GHz.
• High sensitivity with rated power consumption of 700 mW
for failsafe models and 500 mW for dual coil latching models
• Models with TTL-driven dual coil latching and indicator
terminals are available
• Models available with 26.5 GHz or 18 GHz operation.
• RoHS Compliant
Ordering Information
■ Model Number Legend:
1. Relay Function
None: Failsafe
K:
Dual coil latching
T:
TTL-driven dual coil latching (with self cut-off function)
2. Contact Form
12:
SPDT
3. Terminal Shape
S:
SMA
4. Frequency
4:
26.5 GHz
3:
18 GHz
5. Characteristic Impedance
5:
50
Ω
6. Operating Terminals
None: Soldering terminals
P:
Pin terminals (See note 1.)
C:
Connector cable
7. Auxiliary Indicator Terminals
None: No indicator terminals
N:
Indicator terminals
8. Data Package
None: No data package
D:
Data package
Note: 1. To order, select the part number and add the desired coil voltage rating (e.g. G9YAK-12S-45-PND DC12).
2. Refer to “List of Models” for available part numbers
Application Examples
• Mobile communications infrastructure equipment, mobile phone base station equipment, and antenna devices
• Wireless devices, wireless LAN, and disaster prevention wireless equipment
• Test and measurement equipment
• Broadcasting equipment (digital TV, cable TV, and satellite broadcasting)
12 3
4 5
6 7 8
G9YA
@-@@-@@-@@@


Similar Part No. - G9YAT-12S-45-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9YAT-12S-45-D OMRON-G9YAT-12S-45-D Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
G9YAT-12S-45-D OMRON-G9YAT-12S-45-D Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
More results

Similar Description - G9YAT-12S-45-D

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-39S TELEDYNE-CCR-39S Datasheet
780Kb / 10P
   Latching Coaxial Switch
CR-39S TELEDYNE-CR-39S Datasheet
866Kb / 13P
   Latching Coaxial Switch
CCR-59S TELEDYNE-CCR-59S Datasheet
874Kb / 13P
   Latching Coaxial Switch
CCT-39S TELEDYNE-CCT-39S Datasheet
848Kb / 10P
   Latching Coaxial Switch
CCT-59S TELEDYNE-CCT-59S Datasheet
876Kb / 13P
   Latching Coaxial Switch
CT-39S TELEDYNE-CT-39S Datasheet
867Kb / 13P
   Latching Coaxial Switch
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
   Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
   Normally Open Coaxial Switch
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
   Normally Open Coaxial Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com