Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XH3A-5041 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # XH3A-5041
Description  Half-pitch Board-to-Board Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XH3A-5041 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button XH3A-5041 Datasheet HTML 2Page - Omron Electronics LLC XH3A-5041 Datasheet HTML 3Page - Omron Electronics LLC XH3A-5041 Datasheet HTML 4Page - Omron Electronics LLC XH3A-5041 Datasheet HTML 5Page - Omron Electronics LLC XH3A-5041 Datasheet HTML 6Page - Omron Electronics LLC XH3A-5041 Datasheet HTML 7Page - Omron Electronics LLC XH3A-5041 Datasheet HTML 8Page - Omron Electronics LLC XH3A-5041 Datasheet HTML 9Page - Omron Electronics LLC XH3A-5041 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Half-pitch Board-to-Board Connectors
XH3
103
Right-angle Through-hole Terminals, with Fastening Pin
Precautions
■ Correct Use
Mating Compatibility
XH3 Half-pitch Connectors do not mate with XH2 or XH4 Half-pitch
Connectors.
Special Finish for Preventing Flux Rise
XH3 Connectors (i.e., Straight Terminals and standard size, 1-, and
2-mm increments) have a special finish that prevents flux rise. (The
Connectors are designed for automated soldering. Brush coating flux
from the back of the board applies too much flux and may nullify the
special finish. Never use this method to apply flux.)
Soldering
Automated soldering
Use tape to mask the Right-angle Terminal Connector prior to
automated soldering.
Automated Soldering Conditions (Jet Flow)
1. Soldering temperature: 250±5
°C
2. Continuous soldering time: Within 5 s (Be sure to wash the board
after continuous soldering is completed.)
Triangular mark
Reference
Mounting holes
(bottom view)
Reference
Triangular mark
Triangular mark
30 or 50 contacts
40, 60, 68, 80, or 100 contacts
40, 60, 68, 80, or 100 contacts
30 or 50 contacts
40, 60, 68, 80, or 100 contacts
30 or 50 contacts
Fifty, 0.8
dia.
+0.1
0
Two, 2.2
dia.
+0.1
0
XH3B-
@@42-A
No. of
contacts
Dimensions (mm)
AB
CD
30
26.4
25.0
17.78
24.89
40
32.7
31.3
24.13
31.24
50
39.1
37.7
30.48
37.59
60
45.4
44.0
36.83
43.94
68
50.5
49.1
41.91
49.02
80
58.1
56.7
49.53
56.64
100
70.8
69.4
62.23
69.34
Masking tape


Similar Part No. - XH3A-5041

ManufacturerPart #DatasheetDescription
logo
Shuttle Computer Handel...
XH310 SHUTTLE-XH310 Datasheet
350Kb / 3P
   Shuttle Accessory PCM31 Triple COM port expansion for Shuttle Sl im-PC Barebones XH310(R) and XH610
10 February 2023
XH310R SHUTTLE-XH310R Datasheet
350Kb / 3P
   Shuttle Accessory PCM31 Triple COM port expansion for Shuttle Sl im-PC Barebones XH310(R) and XH610
10 February 2023
logo
Okaya Electric America,...
XH332 OKAYA-XH332 Datasheet
297Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XH332 OKAYA-XH332 Datasheet
80Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XH333 OKAYA-XH333 Datasheet
297Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results

Similar Description - XH3A-5041

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XH2 OMRON-XH2 Datasheet
327Kb / 8P
   Half-pitch Board-to-Board Connectors
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
20P-JMDSS-G-1-TF JST-20P-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
LBT JST-LBT Datasheet
137Kb / 3P
   Board-to-board connectors
logo
AVX Corporation
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
logo
Hirose Electric
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com