Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-APH634 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC-APH634
Description  GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-APH634 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC-APH634 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-APH634 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-APH634 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-APH634 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-APH634 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-APH634 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3
3 - 254
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Note 1: Bypass caps should be 100 pF (approximately) ceramic (single-layer) placed no farther than 30 mils from the amplifier
Note 2: Best performance obtained from use of <10 mil (long) by 3 by 0.5mil ribbons on input and output.
Assembly Diagram
HMC-APH634
v00.0110
GaAs HEMT MMIC MEDIUM POWER
AMPLIFIER, 81 - 86 GHz


Similar Part No. - HMC-APH634

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-APH634 HITTITE-HMC-APH634 Datasheet
628Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
logo
Analog Devices
HMC-APH634 AD-HMC-APH634 Datasheet
247Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-APH634_1007 HITTITE-HMC-APH634_1007 Datasheet
628Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
More results

Similar Description - HMC-APH634

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH317 HITTITE-HMC-AUH317 Datasheet
203Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH317 HITTITE-HMC-AUH317_11 Datasheet
472Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-APH634_1007 HITTITE-HMC-APH634_1007 Datasheet
628Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH320 HITTITE-HMC-AUH320 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 86 GHz
logo
Integrated Device Techn...
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
   81 GHz ??86 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC-AUH318 HITTITE-HMC-AUH318 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER GaAs HEMT MMIC MEDIUM POWER
logo
Analog Devices
HMC-AUH318 AD-HMC-AUH318 Datasheet
296Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH320 AD-HMC-AUH320 Datasheet
354Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH633 AD-HMC-APH633 Datasheet
216Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH596 AD-HMC-APH596 Datasheet
225Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com