Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C057 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-C057
Description  WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C057 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-C057 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C057 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C057 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C057 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C057 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C057 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 - 130
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
HMC-C057
WIDEBAND POWER AMPLIFIER
MODULE, 0.01 - 20 GHz
v03.0709
Functional Diagram
Typical Applications
Features
Electrical Specifications, T
A = +25° C, +Vdc = +11V to +16V, -Vdc = -3V to -12V
The HMC-C057 Wideband PA is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
• Fiber Optics
General Description
The HMC-C057 is a GaAs MMIC PHEMT Power
Amplifier in a miniature, hermetic module with
replaceable SMA connectors which operates bet-
ween 0.01 GHz and 20 GHz. The amplifier provides
12 dB of gain, up to +36 dBm output IP3 and up to
+28 dBm of output power at 1 dB gain compression.
Gain flatness is excellent from 2 - 18 GHz making
the HMC-C057 ideal for EW, ECM, Radar, Fiber
Optic and test equipment applications. The wideband
amplifier I/Os are internally matched to 50 Ohms and
are DC blocked. Integrated voltage regulators allow
for flexible biasing of both the negative and positive
supply pins, while internal bias sequencing circuitry
assures robust operation.
Gain: 12 dB
P1dB Output Power: +28 dBm
Regulated Supply and Bias Sequencing
Hermetically Sealed Module
Field Replaceable SMA connectors
0 to +85˚C Operating Temperature
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
0.5 - 6.0
6 - 12
12 - 20
GHz
Gain
9
12
9
12
8
11
dB
Gain Flatness
±0.3
±0.3
±0.5
dB
Gain Variation Over Temperature
0.02
0.02
0.02
dB/ °C
Noise Figure
4.5
3.5
5.0
dB
Input Return Loss
25
17
15
dB
Output Return Loss
20
17
12
dB
Output Power for 1 dB Compression (P1dB)
25
28
24
27
20
24
dBm
Saturated Output Power (Psat)
29
27.5
26
dBm
Output Third Order Intercept (IP3)
36
34
29
dBm
Positive Supply Current (+IDC)
345
345
345
mA
Negative Supply Current (-IDC)
-5
-5
-5
mA


Similar Part No. - HMC-C057

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C057 HITTITE-HMC-C057_10 Datasheet
281Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
More results

Similar Description - HMC-C057

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC6980 AD-HMC6980 Datasheet
345Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHZ
logo
Hittite Microwave Corpo...
HMC-C057 HITTITE-HMC-C057_10 Datasheet
281Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
logo
Analog Devices
HMC-C582 AD-HMC-C582 Datasheet
214Kb / 10P
   0.01 GHz to 20 GHz, Ultra Wideband Power Amplifier Module
logo
Hittite Microwave Corpo...
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C026 HITTITE-HMC-C026 Datasheet
509Kb / 6P
   WIDEBAND HIGH GAIN POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C004 HITTITE-HMC-C004 Datasheet
361Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
295Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
874Kb / 6P
   WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C036 HITTITE-HMC-C036 Datasheet
344Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 0.5 - 15 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com