Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCBT169 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCBT169
Description  SCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCBT169 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCBT169 Datasheet HTML 1Page - Unisonic Technologies UTCBT169 Datasheet HTML 2Page - Unisonic Technologies UTCBT169 Datasheet HTML 3Page - Unisonic Technologies UTCBT169 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCBT169
SCR
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
DESCRIPTION
The UTC BT169 is glass passivated, sensitive gate
thyristors in a plastic envelope, intended for use in
general
purpose
switching
and
phase
control
applications.
These devices are intended to be
interfaced directly to microcontrollers, logic integrated
circuits and other low power gate trigger circuits.
TO-92
1
1:CATHODE
2:GATE
3:ANODE
QUICK REFERENCE DATA
PARAMETER
SYMBOL
MAX(B)
MAX(D)
MAX(E)
MAX(G)
UNIT
Repetitive peak off-state voltages
VDRM, VRRM
200
400
500
600
V
Average on-state current
IT(AV)
0.5
0.5
0.5
0.5
A
RMS on-state current
IT(RMS)
0.8
0.8
0.8
0.8
A
Non-repetitive peak on-state current
ITSM
8
8
8
8
A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Repetitive peak off-state voltages :
VDRM,VRRM
B:200
D:400
E:500
G:600
V
Average on-state current
IT(AV)
Half sine wave;
Tlead<=83
°C
0.5
A
RMS on-state current
IT(RMS)
All conduction angles
0.8
A
Non-repetitive peak on-state current
ITSM
t=10ms
t=8.3ms
half sine wave;
Tj=25
°C prior to surge
8
9
A
I
2t for fusing
I
2t
t=10ms
0.32
A
2S
Repetitive rate of rise of on-state current
after triggering
DI
T/dt
ITM=2A;I
G=10mA;
dI
G/dt=100mA/µs
50
A/
µs
Peak gate current
IGM
1
A
Peak gate voltage
VGM
5
V
Peak reverse gate voltage
VRGM
5
V


Similar Part No. - UTCBT169

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCBA6208 UTC-UTCBA6208 Datasheet
59Kb / 3P
   LINEAR INTEGRATED CIRCUIT
UTCBA9741A UTC-UTCBA9741A Datasheet
142Kb / 5P
   LINEAR INTEGRATED CIRCUIT
UTCBC337 UTC-UTCBC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results

Similar Description - UTCBT169

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com