Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR2A-1811-N Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XR2A-1811-N
Description  IC Sockets
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XR2A-1811-N Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XR2A-1811-N Datasheet HTML 2Page - Omron Electronics LLC XR2A-1811-N Datasheet HTML 3Page - Omron Electronics LLC XR2A-1811-N Datasheet HTML 4Page - Omron Electronics LLC XR2A-1811-N Datasheet HTML 5Page - Omron Electronics LLC XR2A-1811-N Datasheet HTML 6Page - Omron Electronics LLC XR2A-1811-N Datasheet HTML 7Page - Omron Electronics LLC XR2A-1811-N Datasheet HTML 8Page - Omron Electronics LLC XR2A-1811-N Datasheet HTML 9Page - Omron Electronics LLC XR2A-1811-N Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
116
IC Sockets
XR2
XR2C Single-row Sockets
■ Dimensions
■ Ordering Information
Appearance
No. of
contacts
With 0.25-
μm gold plating
With 0.75-
μm gold plating
With gold flash plating
Sockets with DIP terminals
10
XR2C-1011-N
16
XR2C-1611-N
20
XR2C-2011-N
XR2C-2001-N
XR2C-2021-N
32
XR2C-3211-N
XR2C-3201-N
XR2C-3221-N
Sockets with low-profile DIP terminals 20
XR2C-2015
XR2C-2005
XR2C-2025
32
XR2C-3215
XR2C-3205
XR2C-3225
Sockets with wrap terminals
20
XR2C-2002
32
XR2C-3202
0.51 dia.
1.33 dia.
0.79 dia.
0.64
× 0.64
Mounting holes (bottom view)
0.8
±0.05 dia. (DIP terminals)
1.0
±0.05 dia. (Wrap terminals
0.9
±0.05 dia. (Low-profile DIP
XR2C-
@@11-N
XR2C-
@@01-N
XR2C-
@@21-N
(With DIP terminals)
XR2C-
@@15
XR2C-
@@05
XR2C-
@@25
(With low-profile DIP terminals)
XR2C-
@@02
(With wrap terminals)
Dimensions
No. of
contacts
A (mm)
20
48.26
32
78.74


Similar Part No. - XR2A-1811-N

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2001 EXAR-XR2001 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002 EXAR-XR2002 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002CN EXAR-XR2002CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003 EXAR-XR2003 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003CN EXAR-XR2003CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
More results

Similar Description - XR2A-1811-N

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR_11 Datasheet
170Kb / 1P
   IC SOCKETS PLCC
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR Datasheet
135Kb / 1P
   IC SOCKETS PLCC
logo
Adam Technologies, Inc.
ICS628T ADAM-TECH-ICS628T Datasheet
117Kb / 1P
   IC SOCKETS SINGLE & DUAL ROW SOCKETS
logo
List of Unclassifed Man...
2227MC ETC2-2227MC Datasheet
101Kb / 2P
   2227MC Series - IC Sockets
3406-0000 ETC-3406-0000 Datasheet
158Kb / 2P
   Fits standard IC sockets
logo
Dubilier
DBCIC32TP6 DUBILIER-DBCIC32TP6_11 Datasheet
216Kb / 1P
   IC SOCKETS TURNED - PIN CONTACT
DBCIC32SC6 DUBILIER-DBCIC32SC6_11 Datasheet
208Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32SC6 DUBILIER-DBCIC32SC6 Datasheet
106Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32TP6 DUBILIER-DBCIC32TP6 Datasheet
121Kb / 1P
   IC SOCKETS TURNED - PIN CONTACT
logo
Adam Technologies, Inc.
ICS-320-T ADAM-TECH-ICS-320-T Datasheet
104Kb / 1P
   IC SOCKETS SINGLE & DUAL ROW .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com