Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XG5M-1035-N Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XG5M-1035-N
Description  IDC Sockets for Discrete Wires
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG5M-1035-N Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XG5M-1035-N Datasheet HTML 2Page - Omron Electronics LLC XG5M-1035-N Datasheet HTML 3Page - Omron Electronics LLC XG5M-1035-N Datasheet HTML 4Page - Omron Electronics LLC XG5M-1035-N Datasheet HTML 5Page - Omron Electronics LLC XG5M-1035-N Datasheet HTML 6Page - Omron Electronics LLC XG5M-1035-N Datasheet HTML 7Page - Omron Electronics LLC XG5M-1035-N Datasheet HTML 8Page - Omron Electronics LLC XG5M-1035-N Datasheet HTML 9Page - Omron Electronics LLC XG5M-1035-N Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
68
IDC Sockets for Discrete Wires
XG5
Assembled Dimensions (Socket and Hood Cover)
Applicable Plugs
• XG4A, XG4C, XG4E and XG8 are recommended.
• XG4C and XG8 Plugs do not have locks. To prevent accidental
removal, use a Lock Lever (XG4Z-0002, XG5Z-0002). (Lock Levers
cannot be used with XG8W Straight Terminal Connectors.)
• When mounting the XG8 Original Plug (with right-angle terminals)
to a circuit board, be sure that the cover is positioned off the board
as shown below.
Vertical Hood Cover
Dimensions
No. of
contacts
Dimensions (mm)
AB
20
30.0
44.7
26
37.6
52.3
30
42.7
57.4
Assembled Unit
Plug + Vertical Hood Cover
Horizontal Hood Cover
Dimensions
No. of
contacts
Dimensions (mm)
ABCD
E
F
34
47.7
39.0
45.7
62.5
46.4
53.1
40
55.4
41.0
47.7
70.1
48.4
55.1
50
68.1
46.4
51.1
82.8
53.8
58.5
60
80.8
49.8
54.4
95.5
57.2
61.8
Assembled Unit
Plug + Horizontal Hood Cover
Original Plug
Cover
Board
XG5
Edge
7 mm max.


Similar Part No. - XG5M-1035-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5M-1035-N OMRON-XG5M-1035-N Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
More results

Similar Description - XG5M-1035-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
XG5N-U OMRON-XG5N-U Datasheet
637Kb / 5P
   Crimped MIL Connector Sockets for Discrete Wires
logo
AVX Corporation
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
009176001001006 AVX-009176001001006 Datasheet
317Kb / 8P
   SSL - Discrete Wire IDC
00917900X001X06 AVX-00917900X001X06 Datasheet
348Kb / 8P
   SSL - Discrete Wire IDC
009175002701106 AVX-009175002701106 Datasheet
374Kb / 6P
   SSL - Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917500X001X06 AVX-00917500X001X06 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917700X001X06 AVX-00917700X001X06 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
009177003033006 AVX-009177003033006 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com