Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS5F-D421-E80-A Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XS5F-D421-E80-A
Description  Round Water-resistant Connectors (M12)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS5F-D421-E80-A Datasheet(HTML) 1 Page - Omron Electronics LLC

  XS5F-D421-E80-A Datasheet HTML 1Page - Omron Electronics LLC XS5F-D421-E80-A Datasheet HTML 2Page - Omron Electronics LLC XS5F-D421-E80-A Datasheet HTML 3Page - Omron Electronics LLC XS5F-D421-E80-A Datasheet HTML 4Page - Omron Electronics LLC XS5F-D421-E80-A Datasheet HTML 5Page - Omron Electronics LLC XS5F-D421-E80-A Datasheet HTML 6Page - Omron Electronics LLC XS5F-D421-E80-A Datasheet HTML 7Page - Omron Electronics LLC XS5F-D421-E80-A Datasheet HTML 8Page - Omron Electronics LLC XS5F-D421-E80-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Round Water-resistant Connectors (M12)
XS5
123
Round Water-resistant Connectors (M12)
XS5
Water-resistant Smartclick Connectors
That Reduce Installation Work
• A newly developed lock structure that maintains
compatibility with conventional, screw-type M12
connectors.
• Simply insert the Connectors, then turn them approximately
1/8 of a turn to lock.
• A positive click indicates locking.
• Features the same degree of protection (IP67) as
conventional, screw-type M12 connectors.
• Connector with cable are UL approved
TM
■ Specifications
■ Recommended Cables
■ Materials and Finish
Note: 1. See “XS5/XS2 - Assembly Tooling and Accessories” datasheet
for information regarding assembly, tooling and accessories
that are common to the XS5 and XS2 connectors
2. See “XS2” datasheet for specifics regarding those connectors
■ Connection Combinations
Rated current
4 A
Rated voltage
250 VDC
Contact resistance
(connector)
40 m
Ω max.
(20 mV max., 100 mA max.)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
(connector)
1,500 VAC for 1 min.
(leakage current: 1 mA max.)
Degree of protection
IP67 (IEC60529)
Insertion tolerance
50 times min.
Lock strength
Pulling: 100 N/15 s, Twisting: 1 N·m/15 s
Cable holding strength
100 N/15 s (for cable diameter of 6 mm)
Lock operating force
0.1 N·m to 0.25 N·m
Ambient operating
temperature range
−25°C to 70°C
Cable outer diameter
(mm)
Core sizes
Crimping
models
Soldering
models
Screw-on
models
8 mm
7 to 8 mm
——
0.18 to 0.75mm2
7 mm
6 to 8 mm
6 mm
5 to 6 mm
Two types of
connectors are
available.
0.18 to 0.3mm2
0.5 to 0.75mm2
0.5 mm2 max.
4 mm
4 to 5 mm
3 mm
3 to 4 mm
Item
Model
XS5F/H/W/R
XS5M/P
XS5C/G
Contacts
Materials
Phosphor bronze
Brass
Finish
Nickel base, 0.4-
μm gold-plating
Fixtures
Nickel-plated zinc alloy
Pin Block
PBT resin (UL94V-0)
O-ring
Rubber
Overmolding/Cover
Polyester
elastomer
PBT resin
(UL94V-0)
Cable
Standard
cable
UL AWM2464,
6-mm dia.
4 cores
× AWG20
(0.12/49)
Vibration-
proof robot
cable
UL CL3,
6-mm dia.
4 cores
× AWG20
(0.08/110)
Oil-resistant
polyurethane
cable
6 dia.
4 cores
× 0.5 mm2
(0.12/45)
——
Seal Resin
Epoxy Resin
(UL94V-0)
Power supply wires
UL 1007
AWG20
OMRON model No.
Smartclick Plug
Connectors
M12 Plug Connectors
XS5H, XS5G, XS5M
XS5W (plug side)
XS5R (plug side)
XS2H, XS2G, XS2M
XS2W (plug side)
XS2R (plug side)
Smartclick Socket
Connectors
XS5F, XS5C, XS5P
XS5W (socket side)
XS5R, (socket side)
M12 Socket Connectors
XS2F, XS2C, XS2P
XS2W (socket side)
XS2R (socket side)
Note:
is a registered trademark of the OMRON Corporation.
: Connected by SmartclickTM twisting.
: Connected by screwing.
TM


Similar Part No. - XS5F-D421-E80-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS5F-D421-D80-F OMRON-XS5F-D421-D80-F Datasheet
840Kb / 9P
   Chip-immune Inductive Proximity Sensor
XS5F-D421-D80-F OMRON-XS5F-D421-D80-F Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
XS5F-D421-G80-F OMRON-XS5F-D421-G80-F Datasheet
840Kb / 9P
   Chip-immune Inductive Proximity Sensor
XS5F-D421-G80-F OMRON-XS5F-D421-G80-F Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
More results

Similar Description - XS5F-D421-E80-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2 Datasheet
3Mb / 20P
   Round Water-resistant Connectors (M12)
XS3 OMRON-XS3 Datasheet
1Mb / 14P
   Round Water-resistant Connectors (M8)
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com