Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XH4A-8031-2A Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XH4A-8031-2A
Description  Half-pitch Low-profile Stacking Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XH4A-8031-2A Datasheet(HTML) 6 Page - Omron Electronics LLC

  XH4A-8031-2A Datasheet HTML 1Page - Omron Electronics LLC XH4A-8031-2A Datasheet HTML 2Page - Omron Electronics LLC XH4A-8031-2A Datasheet HTML 3Page - Omron Electronics LLC XH4A-8031-2A Datasheet HTML 4Page - Omron Electronics LLC XH4A-8031-2A Datasheet HTML 5Page - Omron Electronics LLC XH4A-8031-2A Datasheet HTML 6Page - Omron Electronics LLC XH4A-8031-2A Datasheet HTML 7Page - Omron Electronics LLC XH4A-8031-2A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
110
Half-pitch Low-profile Stacking Connectors
XH4A
MEMO


Similar Part No. - XH4A-8031-2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XH400PE ETC-XH400PE Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
XH400PJ ETC-XH400PJ Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
XH400SE ETC-XH400SE Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
XH414H-II06E ETC2-XH414H-II06E Datasheet
328Kb / 22P
   Reflowable XH Capacitor
logo
Okaya Electric America,...
XH472 OKAYA-XH472 Datasheet
297Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results

Similar Description - XH4A-8031-2A

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DHF-PDA10-1-A01-FA DDK-DHF-PDA10-1-A01-FA Datasheet
227Kb / 3P
   Half Pitch Low Profile Connectors
DHF-PDA10-1-A01-FA DDK-DHF-PDA10-1-A01-FA_14 Datasheet
536Kb / 3P
   Half Pitch Low Profile Connectors
logo
Hirose Electric
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
logo
E-SWITCH
KAN E-SWITCH-KAN Datasheet
818Kb / 2P
   HALF-PITCH LOW PROFILE DIP SWITCHES
logo
Tyco Electronics
5-104655-6 MACOM-5-104655-6 Datasheet
383Kb / 13P
   Fine Pitch SMT Stacking Connectors
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Omron Electronics LLC
A6H4102P OMRON-A6H4102P Datasheet
393Kb / 4P
   Ultra-low Profile, Half-pitch, Surface-mounting DIP Switch
XH3 OMRON-XH3 Datasheet
1Mb / 10P
   Half-pitch Board-to-Board Connectors
XH2 OMRON-XH2 Datasheet
327Kb / 8P
   Half-pitch Board-to-Board Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com