Electronic Components Datasheet Search |
|
XS2F-M12PUR4A2M Datasheet(PDF) 7 Page - Omron Electronics LLC |
|
XS2F-M12PUR4A2M Datasheet(HTML) 7 Page - Omron Electronics LLC |
7 / 20 page Round Water-resistant Connectors (M12) XS2 145 ■ XS2C - Sockets, Screw Terminals Dimensions (Unit: mm) Ordering Information (PENDING) 54.9 20 dia. 14.9 dia. 16 dia. XS2C-D5S7 (5-core, Straight, Applicable Cable Outer Diameter: 8 mm) XS2C-D5S9 (5-core, Straight, Applicable Cable Outer Diameter: 7 mm) XS2C-D4S7 (4-core, Straight, Applicable Cable Outer Diameter: 8 mm) XS2C-D4S9 (4-core, Straight, Applicable Cable Outer Diameter: 7 mm) 54.9 20 dia. M12 × 1 14.9 dia. 14 dia. XS2C-D5S1 (5-core, Straight, Applicable Cable Outer Diameter: 6 mm) XS2C-D4S @ (4-core, Straight, Applicable Cable Outer Diameter: 3, 4, or 6 mm) 14.9 dia. 35.9 39.6 14 dia. 20 dia. M12 × 1 XS2C-D5S2 (5-core, Angled, Applicable Cable Outer Diameter: 6 mm) XS2C-D4S @ (4-core, Angled, Applicable Cable Outer Diameter: 3, 4, or 6 mm) No. of poles Suitable cable dia. (mm) Straight connectors Angled connectors Minimum order Model Model 5 8-mm-dia. model (7 to 8 mm dia.) XS2C-D5S7 — 50 7-mm-dia. model (6 to 7 mm dia.) XS2C-D5S9 — 6-mm-dia. model (5 to 6 mm dia.) XS2C-D5S1 XS2C-D5S2 4 8-mm-dia. model (7 to 8 mm dia.) XS2C-D4S7 — 7-mm-dia. model (6 to 7 mm dia.) XS2C-D4S9 — 6-mm-dia. model (5 to 6 mm dia.) XS2C-D4S1 XS2C-D4S2 4-mm-dia. model (4 to 5 mm dia.) XS2C-D4S3 XS2C-D4S4 3-mm-dia. model (3 to 4 mm dia.) XS2C-D4S5 XS2C-D4S6 |
Similar Part No. - XS2F-M12PUR4A2M |
|
Similar Description - XS2F-M12PUR4A2M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |