Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-M12PUR4S10M Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # XS2F-M12PUR4S10M
Description  Round Water-resistant Connectors (M12)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PUR4S10M Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button XS2F-M12PUR4S10M Datasheet HTML 5Page - Omron Electronics LLC XS2F-M12PUR4S10M Datasheet HTML 6Page - Omron Electronics LLC XS2F-M12PUR4S10M Datasheet HTML 7Page - Omron Electronics LLC XS2F-M12PUR4S10M Datasheet HTML 8Page - Omron Electronics LLC XS2F-M12PUR4S10M Datasheet HTML 9Page - Omron Electronics LLC XS2F-M12PUR4S10M Datasheet HTML 10Page - Omron Electronics LLC XS2F-M12PUR4S10M Datasheet HTML 11Page - Omron Electronics LLC XS2F-M12PUR4S10M Datasheet HTML 12Page - Omron Electronics LLC XS2F-M12PUR4S10M Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Round Water-resistant Connectors (M12)
XS2
147
■ XS2G - Plugs, Screw Terminals
Dimensions
(Unit: mm)
Ordering Information
Note: XS2G Screw terminal Plugs cannot be connected to side by side to the CN1 and CN2 connectors of XS2R Y-Joint Sockets/Plugs.
(PENDING)
58.7
16 dia.
20 dia. 14.9 dia.
XS2G-D5S7 (5-core, Straight, Applicable Cable Outer Diameter: 8 mm)
XS2G-D5S9 (5-core, Straight, Applicable Cable Outer Diameter: 7 mm)
XS2G-D4S7 (4-core Straight, Applicable Cable Outer Diameter: 8 mm)
XS2G-D4S9 (4-core Straight, Applicable Cable Outer Diameter: 7 mm)
58.7
14 dia.
20 dia.
M12
× 1
14.9 dia.
XS2G-D5S1 (5-core Straight, Applicable Cable Outer Diameter: 6 mm)
XS2G-D4S
@ (4-core, Straight, Applicable Cable Outer Diameter: 3, 4, or 6 mm)
No. of poles
Suitable cable dia. (mm)
Straight connectors
Angled connectors
Minimum order
Model
Model
5
8-mm-dia. model (7 to 8 mm dia.)
XS2G-D5S7
50
7-mm-dia. model (6 to 7 mm dia.)
XS2G-D5S9
6-mm-dia. model (5 to 6 mm dia.)
XS2G-D5S1
XS2G-D5S2
4
8-mm-dia. model (7 to 8 mm dia.)
XS2G-D4S7
7-mm-dia. model (6 to 7 mm dia.)
XS2G-D4S9
6-mm-dia. model (5 to 6 mm dia.)
XS2G-D4S1
XS2G-D4S2
4-mm-dia. model (4 to 5 mm dia.)
XS2G-D4S3
XS2G-D4S4
3-mm-dia. model (3 to 4 mm dia.)
XS2G-D4S5
XS2G-D4S6
14.9 dia.
39.7
39.6
20 dia.
M12
× 1
14 dia.
XS2G-D5S2 (5-core, Angled, Applicable Cable Outer Diameter: 6 mm)
XS2G-D4S
@ (4-core, Angled, Applicable Cable Outer Diameter: 3, 4, or 6 mm)


Similar Part No. - XS2F-M12PUR4S10M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-M12PUR4S10M OMRON-XS2F-M12PUR4S10M Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
More results

Similar Description - XS2F-M12PUR4S10M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS5 OMRON-XS5 Datasheet
2Mb / 18P
   Round Water-resistant Connectors (M12)
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
XS3 OMRON-XS3 Datasheet
1Mb / 14P
   Round Water-resistant Connectors (M8)
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com