Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XH3B-0141 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XH3B-0141
Description  Half-pitch Board-to-Board Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XH3B-0141 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XH3B-0141 Datasheet HTML 2Page - Omron Electronics LLC XH3B-0141 Datasheet HTML 3Page - Omron Electronics LLC XH3B-0141 Datasheet HTML 4Page - Omron Electronics LLC XH3B-0141 Datasheet HTML 5Page - Omron Electronics LLC XH3B-0141 Datasheet HTML 6Page - Omron Electronics LLC XH3B-0141 Datasheet HTML 7Page - Omron Electronics LLC XH3B-0141 Datasheet HTML 8Page - Omron Electronics LLC XH3B-0141 Datasheet HTML 9Page - Omron Electronics LLC XH3B-0141 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
102
Half-pitch Board-to-Board Connectors
XH3
■ XH3B - Socket
Straight Through-hole Terminals
Straight Through-hole DIP Terminals, with Fastening Pin
Stacking Space Adjustable in Increments of 1, 3 or 4 mm
With fastening pins
(applicable board thickness: 1.6 mm)
Triangular mark
20, 40, 60, 68, 80, 100, or 120 contacts
30 or 50 contacts
30 or 50 contacts
20, 40, 60, 68, 80, 100, or 120 contacts
(For fastening pin)
Triangular mark
Mounting holes
(bottom view)
Reference
Reference
0.8
dia.
+0.1
0
Two, 2.2
dia.
+0.1
0
XH3B-
@@41
(without Fastening Pins)
XH3B-
@@41-A
(with Fastening Pins)
No. of
contacts
Dimensions (mm)
AB
CD
20
20.0
18.6
11.43
18.54
30
26.4
25.0
17.78
24.89
40
32.7
31.3
24.13
31.24
50
39.1
37.7
30.48
37.59
60
45.4
44.0
36.83
43.94
68
50.5
49.1
41.91
49.02
80
58.1
56.7
49.53
56.64
100
70.8
69.4
62.23
69.34
120
83.5
82.1
74.93
82.04
Triangular mark
30 or 50 contacts
20, 40, 60, 68, 80, 100, or 120 contacts
Reference
Mounting holes
(bottom view)
30 or 50 contacts
20, 40, 60, 68, 80, 100, or 120 contacts
1-mm increments
3-mm increments
4-mm increments
Reference
Triangular mark
0.8
dia.
+0.1
0
Two, 2.2
dia.
+0.1
0
XH3B-
@@41-1A (1-mm Increment)
XH3B-
@@41-3A (3-mm Increments)
XH3B-
@@41-4A (4-mm Increments)
No. of
contacts
Dimensions (mm)
AB
CD
20
20.0
18.6
11.43
18.54
30
26.4
25.0
17.78
24.89
40
32.7
31.3
24.13
31.24
50
39.1
37.7
30.48
37.59
60
45.4
44.0
36.83
43.94
68
50.5
49.1
41.91
49.02
80
58.1
56.7
49.53
56.64
100
70.8
69.4
62.23
69.34
120
83.5
82.1
74.93
82.04


Similar Part No. - XH3B-0141

ManufacturerPart #DatasheetDescription
logo
Shuttle Computer Handel...
XH310 SHUTTLE-XH310 Datasheet
350Kb / 3P
   Shuttle Accessory PCM31 Triple COM port expansion for Shuttle Sl im-PC Barebones XH310(R) and XH610
10 February 2023
XH310R SHUTTLE-XH310R Datasheet
350Kb / 3P
   Shuttle Accessory PCM31 Triple COM port expansion for Shuttle Sl im-PC Barebones XH310(R) and XH610
10 February 2023
logo
Okaya Electric America,...
XH332 OKAYA-XH332 Datasheet
297Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XH332 OKAYA-XH332 Datasheet
80Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XH333 OKAYA-XH333 Datasheet
297Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results

Similar Description - XH3B-0141

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XH2 OMRON-XH2 Datasheet
327Kb / 8P
   Half-pitch Board-to-Board Connectors
logo
JST Mfg. Co., Ltd.
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
20P-JMDSS-G-1-TF JST-20P-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
LBT JST-LBT Datasheet
137Kb / 3P
   Board-to-board connectors
logo
AVX Corporation
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
14-5602-030-000-829 AVX-14-5602-030-000-829 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
logo
Hirose Electric
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com