Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5PS12821BFP-Y5 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY5PS12821BFP-Y5
Description  512Mb DDR2 SDRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12821BFP-Y5 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY5PS12821BFP-Y5 Datasheet HTML 5Page - Hynix Semiconductor HY5PS12821BFP-Y5 Datasheet HTML 6Page - Hynix Semiconductor HY5PS12821BFP-Y5 Datasheet HTML 7Page - Hynix Semiconductor HY5PS12821BFP-Y5 Datasheet HTML 8Page - Hynix Semiconductor HY5PS12821BFP-Y5 Datasheet HTML 9Page - Hynix Semiconductor HY5PS12821BFP-Y5 Datasheet HTML 10Page - Hynix Semiconductor HY5PS12821BFP-Y5 Datasheet HTML 11Page - Hynix Semiconductor HY5PS12821BFP-Y5 Datasheet HTML 12Page - Hynix Semiconductor HY5PS12821BFP-Y5 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Rev. 0.7 / Oct. 2007
9
1HY5PS12421B(L)FP
1HY5PS12821B(L)FP
1HY5PS121621B(L)FP
PIN
TYPE
DESCRIPTION
DQS, (DQS)
(UDQS),(UDQS)
(LDQS),(LDQS)
(RDQS),(RDQS)
Input/
Output
Data Strobe : Output with read data, input with write data. Edge aligned with read data,
centered in write data. For the x16, LDQS correspond to the data on DQ0~DQ7; UDQS
corresponds to the data on DQ8~DQ15. For the x8, an RDQS option using DM pin can
be enabled via the EMRS(1) to simplify read timing. The data strobes DQS, LDQS,
UDQS, and RDQS may be used in single ended mode or paired with optional comple-
mentary signals DQS, LDQS,UDQS and RDQS to provide differential pair signaling to the
system during both reads and wirtes. An EMRS(1) control bit enables or disables all
complementary data strobe signals.
In this data sheet, "differential DQS signals" refers to any of the following with A10 = 0
of EMRS(1)
x4 DQS/DQS
x8 DQS/DQS
if EMRS(1)[A11] = 0
x8 DQS/DQS, RDQS/RDQS,
if EMRS(1)[A11] = 1
x16 LDQS/LDQS and UDQS/UDQS
"single-ended DQS signals" refers to any of the following with A10 = 1
of EMRS(1)
x4 DQS
x8 DQS
if EMRS(1)[A11] = 0
x8 DQS, RDQS, if EMRS(1)[A11] = 1
x16 LDQS and UDQS
NC
No Connect : No internal electrical connection is present.
VDDQ
Supply DQ Power Supply: 1.8V +/- 0.1V
VSSQ
Supply DQ Ground
VDDL
Supply DLL Power Supply : 1.8V +/- 0.1V
VSSDL
Supply DLL Ground
VDD
Supply Power Supply : 1.8V +/- 0.1V
VSS
Supply Ground
VREF
Supply Reference voltage for inputs for SSTL interface.
-Continue-


Similar Part No. - HY5PS12821BFP-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12821AF HYNIX-HY5PS12821AF Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS12821AF-C3 HYNIX-HY5PS12821AF-C3 Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS12821AF-C4 HYNIX-HY5PS12821AF-C4 Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS12821AF-E3 HYNIX-HY5PS12821AF-E3 Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS12821AF-S5 HYNIX-HY5PS12821AF-S5 Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12821BFP-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com