Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS5H-D422-A80-P Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XS5H-D422-A80-P
Description  Round Water-resistant Connectors (M12)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS5H-D422-A80-P Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XS5H-D422-A80-P Datasheet HTML 2Page - Omron Electronics LLC XS5H-D422-A80-P Datasheet HTML 3Page - Omron Electronics LLC XS5H-D422-A80-P Datasheet HTML 4Page - Omron Electronics LLC XS5H-D422-A80-P Datasheet HTML 5Page - Omron Electronics LLC XS5H-D422-A80-P Datasheet HTML 6Page - Omron Electronics LLC XS5H-D422-A80-P Datasheet HTML 7Page - Omron Electronics LLC XS5H-D422-A80-P Datasheet HTML 8Page - Omron Electronics LLC XS5H-D422-A80-P Datasheet HTML 9Page - Omron Electronics LLC XS5H-D422-A80-P Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
128
Round Water-resistant Connectors (M12)
XS5
■ XS5W - Socket and Plug on Cable Ends
Dimensions
(Unit: mm)
Note: The overmolding on the Standard Cable (XS5W-D42
@-@81-A) and the Oil-resistant Polyerethane Cable (XS5W-D42@-@81-P ) is black, and
the overmolding of the Vibration-proof Robot Cable (XS5W-D42
@-@81-F) is gray.
XS5W-D42
@-@81-A Standard Cable
XS5W-D42
@-@81-F Vibration-proof Robot Cable
XS5W-D42
@-@81-P Oil-resistant Polyurethane Cable
TM
(PENDING)
40.7
L (Cable length)
44.7
14.9 dia.
14.9 dia.
6 dia.
M12
M12
L (Cable length)
32.3
28.3
6 dia.
M12
L (Cable length)
32.3
40.7
6 dia.
M12
1
2
3
4
1
2
3
4
Terminal No.
Brown
White
Blue
Black
Cable color of
core sheath
L (Cable length)
28.3
44.7
6 dia.
M12
Wiring Diagram for 4 Cores
Straight/straight
Angled/angled
Straight/angled
Angled/straight


Similar Part No. - XS5H-D422-A80-P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
2Mb / 12P
   Industrial Ethernet Cables
XS5H-T421-CM0-K OMRON-XS5H-T421-CM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
XS5H-T421-CM0-K OMRON-XS5H-T421-CM0-K Datasheet
2Mb / 12P
   Industrial Ethernet Cables
XS5H-T421-DM0-K OMRON-XS5H-T421-DM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
More results

Similar Description - XS5H-D422-A80-P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2 Datasheet
3Mb / 20P
   Round Water-resistant Connectors (M12)
XS3 OMRON-XS3 Datasheet
1Mb / 14P
   Round Water-resistant Connectors (M8)
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com