Electronic Components Datasheet Search |
|
XS2C-D423 Datasheet(PDF) 1 Page - Omron Electronics LLC |
|
XS2C-D423 Datasheet(HTML) 1 Page - Omron Electronics LLC |
1 / 20 page Round Water-resistant Connectors (M12) XS2 139 Round Water-resistant Connectors (M12) XS2 Water- and Environment-resistive FA Connectors Save Wiring and Maintenance Effort • Compact FA connectors satisfy IP67 requirements and en- sure a 94V-0 fire retardant rating. • A wide array of connectors makes a wiring system more modular, simplifies maintenance, and reduces downtime. • Connectors with Cables and Connector Assemblies are available. • Three types of Connector Assembly: Crimping, soldering, and screw-on. ■ Ratings and Specifications ■ Material ■ PVC Cable ■ PUR Cable ■ Construction (XS2G Soldering Plug Connector Assembly) Note: 1. See “XS5/XS2 - Assembly Tooling and Accessories” datasheet for information regarding assembly, tooling and accessories that are common to the XS5 and XS2 connectors 2. See “XS5” datasheet for specifics regarding those connectors Item 4,5 Poles 8 Poles Rated current 4 A 1.5 A Rated voltage 125 VDC, 250 VAC 36 VDC Contact resistance 40 m Ω max. (20 mV max., 100 mA max.) Insulation resistance 1,000 M Ω min. (at 500 VDC) Dielectric strength (leakage current: 1 mA max.) 1,500 VAC for 1 min 1,000 VAC for 1 min Degree of protection IP67 (IEC60529) Insertion tolerance 200 times min. Contact / Surface Copper Alloy / Nickel base, Au 0.4 μm Connector housing PBT resin (UL94V-0) Nut / Surface Copper Alloy / Nickel plated Cover (XS2F/H/W/R) PBT resin (UL94V-0) Body (XS2C/G) PBT resin (UL94V-0) Item 3 cores 4 cores 5 cores 8 cores Color Black Light Grey Outer diameter 5 mm dia. 5.4 mm dia. 5.8 mm dia. 6 mm dia. Conductor size AWG22 0.34 mm2 (43 × 0.1) 0.25 mm2 (20 × 0.127) Approvals AWM — Features Flame retardant — Temperature range Cable fixed: -10 to +80 °C / Cable moved: -0 to +60 °C -25 °C to +70 °C Item 3 cores 4 cores 5 cores Color Black Outer diameter 4.3 mm dia. 4.7 mm dia. 5 mm dia. Conductor size AWG22 0.34 mm2 (43 × 0.1) Approvals AWM Features Flame retardant Halogen free Oil resistance Temperature range Cable fixed: -50 to +80 °C / Cable moved: -25 to +80°C Lock spring Fixture Solder-cup pin Cover O-ring Contact block Watertight bushing Cable clamp Cap |
Similar Part No. - XS2C-D423 |
|
Similar Description - XS2C-D423 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |