Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS5W-D422-G81-A Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # XS5W-D422-G81-A
Description  Round Water-resistant Connectors (M12)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS5W-D422-G81-A Datasheet(HTML) 5 Page - Omron Electronics LLC

  XS5W-D422-G81-A Datasheet HTML 1Page - Omron Electronics LLC XS5W-D422-G81-A Datasheet HTML 2Page - Omron Electronics LLC XS5W-D422-G81-A Datasheet HTML 3Page - Omron Electronics LLC XS5W-D422-G81-A Datasheet HTML 4Page - Omron Electronics LLC XS5W-D422-G81-A Datasheet HTML 5Page - Omron Electronics LLC XS5W-D422-G81-A Datasheet HTML 6Page - Omron Electronics LLC XS5W-D422-G81-A Datasheet HTML 7Page - Omron Electronics LLC XS5W-D422-G81-A Datasheet HTML 8Page - Omron Electronics LLC XS5W-D422-G81-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Round Water-resistant Connectors (M12)
XS5
127
Model Number Legend
Use this model number legend to identify products from their model number.
When ordering, use a model number from the table in Ordering Information.
1. Type
H:
Connector connected to cable, plug on one cable end
2. AC/DC (Mating Section Form)
D:
DC
3. Connector Poles
4:
4 poles
4. Contact Plating
2:
0.4-
μm gold plating
5. Cable Connection Direction
1:
Straight
2:
Angled
6. Cable Length
A:
0.3 m
G:
5 m
B:
0.5 m
H:
7 m
C:
1 m
J:
10 m
D:
2 m
K:
15 m
E:
3 m
L:
20 m
F:
4 m
7. Connections
8:
A Brown, B White, C Blue, D Black
(Numbers inside circles are terminal numbers)
8. Connectors on One End/Both Ends
0:
One end
9. Cable Specifications
A:
Standard cable
F:
Vibration-proof robot cable
P:
Oil-resistant polyurethane cable
XS5H -
D42@ - @80 - @
12 3 4 5
67 8
9


Similar Part No. - XS5W-D422-G81-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS5W-T421-AMC-K OMRON-XS5W-T421-AMC-K Datasheet
2Mb / 12P
   Industrial Ethernet Cables
XS5W-T421-AMD-K OMRON-XS5W-T421-AMD-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
XS5W-T421-AMD-K OMRON-XS5W-T421-AMD-K Datasheet
2Mb / 12P
   Industrial Ethernet Cables
XS5W-T421-AMD-K OMRON-XS5W-T421-AMD-K Datasheet
1Mb / 40P
   Motor Condition Monitoring Device
2020.10
XS5W-T421-AMD-K OMRON-XS5W-T421-AMD-K Datasheet
6Mb / 29P
   Switch Mode Power Supply
More results

Similar Description - XS5W-D422-G81-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2 Datasheet
3Mb / 20P
   Round Water-resistant Connectors (M12)
XS3 OMRON-XS3 Datasheet
1Mb / 14P
   Round Water-resistant Connectors (M8)
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com