Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR2A-4215 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # XR2A-4215
Description  IC Sockets
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XR2A-4215 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button XR2A-4215 Datasheet HTML 6Page - Omron Electronics LLC XR2A-4215 Datasheet HTML 7Page - Omron Electronics LLC XR2A-4215 Datasheet HTML 8Page - Omron Electronics LLC XR2A-4215 Datasheet HTML 9Page - Omron Electronics LLC XR2A-4215 Datasheet HTML 10Page - Omron Electronics LLC XR2A-4215 Datasheet HTML 11Page - Omron Electronics LLC XR2A-4215 Datasheet HTML 12Page - Omron Electronics LLC XR2A-4215 Datasheet HTML 13Page - Omron Electronics LLC XR2A-4215 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IC Sockets
XR2
121
■ Tools and Accessories
■ Precautions
XR2Z-11
IC Holder (made from PBT)
XR2Z-13
Note: Order the following models in multiples of the minimum order.
Model
No. of IC Socket contacts IC socket width
Order in multiples of
XR2Z-11
14, 16, 18, 20, 24
7.62 m
100
XR2Z-13
24, 28, 32, 40, 42, 48
15.24 mm
500
Note: This Holder protects the IC
from falling out due to shock.
The IC will not fall out even
with a 980 m/s2 shock. Appli-
cable IC height: 2.7 to 5.6 mm.
XY2C-0101
XY2C-0103
IC Removal Tool
Model
No. of IC Socket contacts
IC socket width
XY2C-0101 14, 16, 18, 20
7.62 m
XY2C-0103 24, 28, 32, 40
15.24 mm
Correct Use
Soldering
• When soldering, make sure that the outer
sleeve of the IC Socket does not stick out
of the circuit board through-holes.
• Make sure that no flux enters the IC
Socket from the top.
Removing ICs
• Use the XY2C-0101 or XY2C-0103 IC
Removal Tool to remove ICs.
• Do not use a screwdriver to remove the
IC. It may damage the circuit board.
• Do not use a testing rod or check pin to
check contacts or circuits. This may dam-
age the inner clips or plating and may
lead to improper contact.
• Four-point contact construction is used for
plated products to make them more toler-
ant of momentary power interruptions.
We recommend using gold-plated con-
tacts in areas subject to vibration and
shock.
Automated Soldering
Conditions (Jet Flow)
1. Soldering temperature: 250±5
°C
2. Continuous soldering time: Within 5 s
Applicable IC Lead
Dimensions
1. Use leads that are within the range
shown here. For details, refer to the first
page of this datasheet. Use an IC with
leads longer than 3 mm. If the leads are
too long, the IC will not sit flush on the
board.
2. Use an IC with tapered leads for easy
insertion, a minimum amount of bend-
ing, and minimum damage to the leads.
NG
OK
OK


Similar Part No. - XR2A-4215

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2001 EXAR-XR2001 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002 EXAR-XR2002 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2002CN EXAR-XR2002CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003 EXAR-XR2003 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
XR2003CN EXAR-XR2003CN Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
More results

Similar Description - XR2A-4215

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR_11 Datasheet
170Kb / 1P
   IC SOCKETS PLCC
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR Datasheet
135Kb / 1P
   IC SOCKETS PLCC
logo
Adam Technologies, Inc.
ICS628T ADAM-TECH-ICS628T Datasheet
117Kb / 1P
   IC SOCKETS SINGLE & DUAL ROW SOCKETS
logo
List of Unclassifed Man...
2227MC ETC2-2227MC Datasheet
101Kb / 2P
   2227MC Series - IC Sockets
3406-0000 ETC-3406-0000 Datasheet
158Kb / 2P
   Fits standard IC sockets
logo
Dubilier
DBCIC32TP6 DUBILIER-DBCIC32TP6_11 Datasheet
216Kb / 1P
   IC SOCKETS TURNED - PIN CONTACT
DBCIC32SC6 DUBILIER-DBCIC32SC6_11 Datasheet
208Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32SC6 DUBILIER-DBCIC32SC6 Datasheet
106Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
DBCIC32TP6 DUBILIER-DBCIC32TP6 Datasheet
121Kb / 1P
   IC SOCKETS TURNED - PIN CONTACT
logo
Adam Technologies, Inc.
ICS-320-T ADAM-TECH-ICS-320-T Datasheet
104Kb / 1P
   IC SOCKETS SINGLE & DUAL ROW .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com