Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2C-D4S1 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # XS2C-D4S1
Description  Round Water-resistant Connectors (M12)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2C-D4S1 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button XS2C-D4S1 Datasheet HTML 6Page - Omron Electronics LLC XS2C-D4S1 Datasheet HTML 7Page - Omron Electronics LLC XS2C-D4S1 Datasheet HTML 8Page - Omron Electronics LLC XS2C-D4S1 Datasheet HTML 9Page - Omron Electronics LLC XS2C-D4S1 Datasheet HTML 10Page - Omron Electronics LLC XS2C-D4S1 Datasheet HTML 11Page - Omron Electronics LLC XS2C-D4S1 Datasheet HTML 12Page - Omron Electronics LLC XS2C-D4S1 Datasheet HTML 13Page - Omron Electronics LLC XS2C-D4S1 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
148
Round Water-resistant Connectors (M12)
XS2
Y-Joint 4-Pin Plug/Socket Connectors
■ XS2R
Dimensions
(Unit: mm)
Ordering Information
Note: XS2G Screw-on Plugs cannot be connected side-by-side to the CN1 and CN2 connectors. Consider using a crimping or soldering model instead.
1
2
3
4
4
3
2
1
1
2
3
4
CN2
CN1
1
4 3
2
1
4
3
2
1
4
3
2
1
4 3
2
45.5
4.6 dia.
18.0
35.0
CN1
CN2
15.0
Blue marking
8.5
13.6
L
44.7
XS2R-D426-
@11-F
Connectors on Both Cable Ends (Y-Joint Plug/Socket)
Wiring Diagram
1
4 3
2
1
4 3
2
18.0
15.0
35.0
CN1
CN2
Blue marking
45.5
4.6 dia.
30
50
5
8.5
13.6
L
1
2
3
4
1
2
3
4
CN2
CN1
Black
Blue
White
Brown
XS2R-D426-
@10-F
Connectors on One Cable End (Y-Joint Plug/Socket)
Wiring Diagram
4
3
2
1
4
3
2
1
4
3
2
1
4
3
2
1
4
3
2
1
4
3
2
1
4
3
2
1
4
3
2
1
4
3
2
1
4
3
2
1
4
3
2
1
4
3
2
1
CN2
CN1
CN0
CN2
CN1
CN0
CN2
CN1
CN0
CN2
CN1
CN0
1
4 3
2
1
4
3
2
1
4
3
2
1
4 3
2
58.3
27
4.5 dia.
CN2
(37)
18
15
CN1
CN0
Blue marking
7
24.5
12.5
XS2R-D426-1
Y-Joint Plug/Socket without Cable
Wiring Diagram
XS2R-D426-1
XS2R-D426-5
XS2R-D426-81
XS2R-D426-82
Type
Connector
Cable length L (m)
Model
Minimum order
With cable
Connectors on both cable ends
0.5
XS2R-D426-B11-F
5
1
XS2R-D426-C11-F
2
XS2R-D426-D11-F
3
XS2R-D426-E11-F
Connector on one cable end
2
XS2R-D426-D10-F
5
XS2R-D426-G10-F
Without cable
Y-Joint plug/socket
XS2R-D426-1
10
XS2R-D426-5
XS2R-D426-81
XS2R-D426-82


Similar Part No. - XS2C-D4S1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2 OMRON-XS2 Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
logo
CoolCox Limited All rig...
XS20006-2Y COOLCOX-XS20006-2Y Datasheet
2Mb / 14P
   40 x 40 x 10mm High Quality DC Fan
XS20006-3Y COOLCOX-XS20006-3Y Datasheet
2Mb / 14P
   40 x 40 x 10mm High Quality DC Fan
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
Seoul Semiconductor
XS2180 SEOUL-XS2180 Datasheet
702Kb / 23P
   Z Power LED
More results

Similar Description - XS2C-D4S1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS5 OMRON-XS5 Datasheet
2Mb / 18P
   Round Water-resistant Connectors (M12)
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
XS3 OMRON-XS3 Datasheet
1Mb / 14P
   Round Water-resistant Connectors (M8)
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com