Electronic Components Datasheet Search
Selected language     English  ▼


Z-01HS-B Datasheet(PDF) 8 Page - Omron Electronics LLC

Part No. Z-01HS-B
Description  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 8 page
background image
154
General-purpose Basic Switch
Z
Engineering Data
■ Mechanical Durability (Z-15G)
■ Electrical Durability (Z-15G)
■ Structure
Basic Models
Contact Form (SPDT)
Note:
The Z-15GM is a reversible model and the NO and NC positions are reversed.
Molded Terminals
Note:
The Z-15GM is a reversible model and the NO and NC positions are reversed.
Drip-proof Construction
Without Terminal Protective Cover
With Terminal Protective Cover
Split-Contact Models
Contact Form
Note: The NO and NC terminal arrangement is reversed for Models with
reverse operation (Z-10FM).
Connection Example
Maintained-contact Models
Contact Form
500
1,000
300
100
5,000
10,000
3,000
0.2
0.1
0.4
0.6
0.8
0.3
0.5
0.7
Overtravel (mm)
0
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%RH
Without load
Operating frequency: 240 operations/min
50
100
30
10
500
1,000
300
5,000
3,000
4
2
8
12
16
610
14
Switching Current (A)
0
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%RH
Operating frequency: 20 operations/min.
125 VAC cos dia. = 1
125 VAC cos dia. = 0.4
250 VAC cos dia. = 1
250 VAC
cos dia. = 0.4
500 VAC cos dia. = 0.4
500 VAC cos dia. = 1
COM
NC
NO
COM (Black)
(Red) NC
(White) NO
( ) indicates wire color.
Rubber boot
Fixed contact (b)
Movable spring
Glued surface
(adhesive is
filled between
case and cover)
Movable contact
Fixed contact (a)
Spring pivot
Rubber boot (weather-resistive
chloroprene is used)
Stainless-steel stopper
(improves sealing)
Rubber packing (improves
sealing between switch
housing and terminal cover)
Terminal protective covers are sold separately
for maintenance purposes, which can be, how-
ever, used with the Z-
@-B5V models only.
NC
NO
COM
NC
NO
Series Connection
Parallel Connection
Pushbutton for resetting
COM
NC
NO




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl